Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 240 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 240 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 236Page - STMicroelectronics PM0214 Datasheet HTML 237Page - STMicroelectronics PM0214 Datasheet HTML 238Page - STMicroelectronics PM0214 Datasheet HTML 239Page - STMicroelectronics PM0214 Datasheet HTML 240Page - STMicroelectronics PM0214 Datasheet HTML 241Page - STMicroelectronics PM0214 Datasheet HTML 242Page - STMicroelectronics PM0214 Datasheet HTML 243Page - STMicroelectronics PM0214 Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 245 page
background image
Core peripherals
PM0214
240/245
DocID022708 Rev 4
Bit 28
V: Overflow condition code flag. Floating-point comparison operations update this flag. For more
details on the result, refer to Table 57.
0: Operation did not result in an overflow
1: Operation resulted in an overflow.
Bit 27
Reserved.
Bit 26
AHP: Alternative half-precision control bit:
0: IEEE half-precision format selected.
1: Alternative half-precision format selected.
Bit 25
DN: Default NaN mode control bit:
0: NaN operands propagate through to the output of a floating-point operation.
1: Any operation involving one or more NaNs returns the Default NaN.
Bit 24
FZ: Flush-to-zero mode control bit:
0: Flush-to-zero mode disabled. Behavior of the floating-point system is fully compliant with the
IEEE 754 standard.
1: Flush-to-zero mode enabled.
Bits 23:22
RMode: Rounding Mode control field. The specified rounding mode is used by almost all
floating-point instructions:
0b00: Round to nearest (RN) mode
0b01: Round towards plus infinity (RP) mode
0b10: Round towards minus infinity (RM) mode
0b11: Round towards zero (RZ) mode.
Bit 21:8
Reserved.
Bit 7
IDC: Input denormal cumulative exception bit. Cumulative exception bit for floating-point
exception.
1: Indicates that the corresponding exception occurred since 0 was last written to it.
Bit 6:5
Reserved
Bit 4
IXC: Inexact cumulative exception bit. Cumulative exception bit for floating-point exception.
1: Indicates that the corresponding exception occurred since 0 was last written to it.
Bit 3
UFC: Underflow cumulative exception bit. Cumulative exception bit for floating-point exception.
1: Indicates that the corresponding exception occurred since 0 was last written to it.
Bit 2
OFC: Overflow cumulative exception bit. Cumulative exception bit for floating-point exception.
1: Indicates that the corresponding exception occurred since 0 was last written to it.
Bit 1
DZC: Division by zero cumulative exception bit. Cumulative exception bit for floating-point
exception. 1: Indicates that the corresponding exception occurred since 0 was last written to it.
Bit 0
IOC: Invalid operation cumulative exception bit. Cumulative exception bit for floating-point
exception. 1: Indicates that the corresponding exception occurred since 0 was last written to it.
Table 57. Effect of a Floating-point comparison on the condition flags
Comparison result
N
Z
C
V
Equal
0
1
1
0
Less than
1
0
0
0
Greater than
0
0
1
0
Unordered
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com