Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 242 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 242 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 237Page - STMicroelectronics PM0214 Datasheet HTML 238Page - STMicroelectronics PM0214 Datasheet HTML 239Page - STMicroelectronics PM0214 Datasheet HTML 240Page - STMicroelectronics PM0214 Datasheet HTML 241Page - STMicroelectronics PM0214 Datasheet HTML 242Page - STMicroelectronics PM0214 Datasheet HTML 243Page - STMicroelectronics PM0214 Datasheet HTML 244Page - STMicroelectronics PM0214 Datasheet HTML 245Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 242 / 245 page
background image
Core peripherals
PM0214
242/245
DocID022708 Rev 4
In STM32F4xx devices there is no individual mask and the enable/disable of the FPU
interrupt is done at interrupt controller level.
In STM32F3xx devices in addition to the FPU interrupt controller interrupt mask bit, there is
an individual mask bit for enabling/disabling the FPU interrupt sources (the IXC flag is
masked by default in STM32F3xx devices).
As it occurs very frequently, the IXC exception flag is not connected to the interrupt
controller in STM32F4xx devices, and cannot generate an interrupt. If needed, it must be
managed by polling.
Clearing the FPU exception flags depends on the FPU context save/restore configuration:
•
No floating-point register saving: when Floating-point context control register (FPCCR)
Bit 30 LSPEN=0 and Bit 31 ASPEN=0.
You must clear interrupt source in Floating-point Status and Control Register (FPSCR).
Example:
register uint32_t fpscr_val = 0;
fpscr_val
= __get_FPSCR();
{ check exception flags }
fpscr_val &= (uint32_t)~0x8F; // Clear all exception flags
__set_FPSCR(fpscr_val);
•
Lazy save/restore: when Floating-point context control register (FPCCR)
Bit 30 LSPEN=1 and Bit 31 ASPEN=X.
In the case of lazy floating-point context save/restore, a dummy read access should be
made to Floating-point Status and Control Register (FPSCR) to force state
preservation and FPSCR clear.
Then handle FPSCR in the stack.
Example:
register uint32_t fpscr_val = 0;
register uint32_t reg_val = 0;
reg_val =
__get_FPSCR();
//dummy access
fpscr_val=*(__IO uint32_t*)(FPU->FPCAR +0x40);
{ check exception flags }
fpscr_val &= (uint32_t)~0x8F ;
// Clear all exception flags
*(__IO uint32_t*)(FPU->FPCAR +0x40)=fpscr_val;
__DMB() ;
•
Automatic floating-point registers save/restore: when Floating-point context control
register (FPCCR)
Bit 30 LSPEN=0 and Bit 31 ASPEN=1.
In case of automatic floating-point context save/restore, a read access should be made
to Floating-point Status and Control Register (FPSCR) to force clear.
Then handle FPSCR in the stack.
Example:
// FPU Exception handler
void FPU_ExceptionHandler(uint32_t lr, uint32_t sp)
{
register uint32_t fpscr_val;
if(lr == 0xFFFFFFE9)
{
sp = sp + 0x60;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com