Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 224 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 220Page - STMicroelectronics PM0214 Datasheet HTML 221Page - STMicroelectronics PM0214 Datasheet HTML 222Page - STMicroelectronics PM0214 Datasheet HTML 223Page - STMicroelectronics PM0214 Datasheet HTML 224Page - STMicroelectronics PM0214 Datasheet HTML 225Page - STMicroelectronics PM0214 Datasheet HTML 226Page - STMicroelectronics PM0214 Datasheet HTML 227Page - STMicroelectronics PM0214 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 245 page
background image
Core peripherals
PM0214
224/245
DocID022708 Rev 4
4.4.13
Memory management fault address register (MMFSR)
Bit 7
MMARVALID: Memory Management Fault Address Register (MMAR) valid flag. If a memory
management fault occurs and is escalated to a hard fault because of priority, the hard fault
handler must set this bit to 0. This prevents problems on return to a stacked active memory
management fault handler whose MMAR value has been overwritten.
0: Value in MMAR is not a valid fault address
1: MMAR holds a valid fault address.
Bit 6
Reserved, must be kept cleared
Bit 5
MLSPERR:
0: No MemManage fault occurred during floating-point lazy state preservation
1: A MemManage fault occurred during floating-point lazy state preservation
Bit 4
MSTKERR: Memory manager fault on stacking for exception entry. When this bit is 1, the SP
is still adjusted but the values in the context area on the stack might be incorrect. The
processor has not written a fault address to the MMAR.
0: No stacking fault
1: Stacking for an exception entry has caused one or more access violations.
Bit 3
MUNSTKERR: Memory manager fault on unstacking for a return from exception. This fault is
chained to the handler. This means that when this bit is 1, the original return stack is still
present. The processor has not adjusted the SP from the failing return, and has not performed
a new save. The processor has not written a fault address to the MMAR.
0: No unstacking fault
1: Unstack for an exception return has caused one or more access violations.
Bit 2
Reserved, must be kept cleared
Bit 1
DACCVIOL: Data access violation flag. When this bit is 1, the PC value stacked for the
exception return points to the faulting instruction. The processor has loaded the MMAR with
the address of the attempted access.
0: No data access violation fault
1: The processor attempted a load or store at a location that does not permit the operation.
Bit 1
IACCVIOL: Instruction access violation flag. This fault occurs on any access to an XN region,
even the MPU is disabled or not present.
When this bit is 1, the PC value stacked for the exception return points to the faulting
instruction. The processor has not written a fault address to the MMAR.
0: No instruction access violation fault
1: The processor attempted an instruction fetch from a location that does not permit
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com