Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 223 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 219Page - STMicroelectronics PM0214 Datasheet HTML 220Page - STMicroelectronics PM0214 Datasheet HTML 221Page - STMicroelectronics PM0214 Datasheet HTML 222Page - STMicroelectronics PM0214 Datasheet HTML 223Page - STMicroelectronics PM0214 Datasheet HTML 224Page - STMicroelectronics PM0214 Datasheet HTML 225Page - STMicroelectronics PM0214 Datasheet HTML 226Page - STMicroelectronics PM0214 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 245 page
background image
DocID022708 Rev 4
223/245
PM0214
Core peripherals
244
4.4.12
Bus fault status register (BFSR)
Bit 15
BFARVALID: Bus Fault Address Register (BFAR) valid flag. The processor sets this bit to 1
after a bus fault where the address is known. Other faults can set this bit to 0, such as a
memory management fault occurring later.
If a bus fault occurs and is escalated to a hard fault because of priority, the hard fault handler
must set this bit to 0. This prevents problems if returning to a stacked active bus fault handler
whose BFAR value has been overwritten.
0: Value in BFAR is not a valid fault address
1: BFAR holds a valid fault address.
Bit 14
Reserved, must be kept cleared
Bit 13
LSPERR: Bus fault on floating-point lazy state preservation.
0: No bus fault occurred during floating-point lazy state preservation.
1: A bus fault occurred during floating-point lazy state preservation
Bit 12
STKERR: Bus fault on stacking for exception entry. When the processor sets this bit to 1, the
SP is still adjusted but the values in the context area on the stack might be incorrect. The
processor does not write a fault address to the BFAR.
0: No stacking fault
1: Stacking for an exception entry has caused one or more bus faults.
Bit 11
UNSTKERR: Bus fault on unstacking for a return from exception. This fault is chained to the
handler. This means that when the processor sets this bit to 1, the original return stack is still
present. The processor does not adjust the SP from the failing return, does not performed a
new save, and does not write a fault address to the BFAR.
0: No unstacking fault
1: Unstack for an exception return has caused one or more bus faults.
Bit 10
IMPRECISERR: Imprecise data bus error. When the processor sets this bit to 1, it does not
write a fault address to the BFAR. This is an asynchronous fault. Therefore, if it is detected
when the priority of the current process is higher than the bus fault priority, the bus fault
becomes pending and becomes active only when the processor returns from all higher priority
processes. If a precise fault occurs before the processor enters the handler for the imprecise
bus fault, the handler detects both IMPRECISERR set to 1 and one of the precise fault status
bits set to 1.
0: No imprecise data bus error
1: A data bus error has occurred, but the return address in the stack frame is not related to
the instruction that caused the error.
Bit 9
PRECISERR: Precise data bus error. When the processor sets this bit is 1, it writes the faulting
address to the BFAR.
0: No precise data bus error
1: A data bus error has occurred, and the PC value stacked for the exception return points to
the instruction that caused the fault.
Bit 8
IBUSERR: Instruction bus error. The processor detects the instruction bus error on prefetching
an instruction, but it sets the IBUSERR flag to 1 only if it attempts to issue the faulting
instruction.
When the processor sets this bit is 1, it does not write a fault address to the BFAR.
0: No instruction bus error
1: Instruction bus error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com