Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 201 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 201 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 197Page - STMicroelectronics PM0214 Datasheet HTML 198Page - STMicroelectronics PM0214 Datasheet HTML 199Page - STMicroelectronics PM0214 Datasheet HTML 200Page - STMicroelectronics PM0214 Datasheet HTML 201Page - STMicroelectronics PM0214 Datasheet HTML 202Page - STMicroelectronics PM0214 Datasheet HTML 203Page - STMicroelectronics PM0214 Datasheet HTML 204Page - STMicroelectronics PM0214 Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 245 page
background image
DocID022708 Rev 4
201/245
PM0214
Core peripherals
244
4.3.8
Software trigger interrupt register (NVIC_STIR)
Address offset: 0xE00
Reset value: 0x0000 0000
Required privilege: When the USERSETMPEND bit in the SCR is set to 1, unprivileged
software can access the STIR, see Section 4.4.6: System control register (SCR). Only
privileged software can enable unprivileged access to the STIR.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
76
54
3
21
0
Reserved
INTID[8:0]
w
wwww
ww
w
w
Bits 31:9
Reserved, must be kept cleared.
Bits 8:0
INTID Software generated interrupt ID
Write to the STIR to generate a Software Generated Interrupt (SGI). The value to be written is
the Interrupt ID of the required SGI, in the range 0-239. For example, a value of 0x03 specifies
interrupt IRQ3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com