Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6300 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6300
Description  500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6300 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6300 Datasheet HTML 5Page - Linear Technology LT6300 Datasheet HTML 6Page - Linear Technology LT6300 Datasheet HTML 7Page - Linear Technology LT6300 Datasheet HTML 8Page - Linear Technology LT6300 Datasheet HTML 9Page - Linear Technology LT6300 Datasheet HTML 10Page - Linear Technology LT6300 Datasheet HTML 11Page - Linear Technology LT6300 Datasheet HTML 12Page - Linear Technology LT6300 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT6300
APPLICATIO S I FOR ATIO
modes. These modes can be useful for overall system
power management when full power transmissions are
not necessary.
Shutdown and Recovery
The ultimate power saving action on a completely idle port
is to fully shut down the line driver by pulling the SHDN pin
to within 0.4V of the SHDNREF potential. As shown in
Figure 5 complete shutdown occurs in less than 10
µs and,
more importantly, complete recovery from the shut down
state to full operation occurs in less than 2
µs. The biasing
circuitry in the LT6300 reacts very quickly to bring the
amplifiers back to normal operation.
Power Dissipation and Heat Management
xDSL applications require the line driver to dissipate a
significant amount of power and heat compared to other
components in the system. The large peak to RMS varia-
tions of DMT and CAP ADSL signals require high supply
voltages to prevent clipping, and the use of a step-up
transformer to couple the signal to the telephone line can
require high peak current levels. These requirements
result in the driver package having to dissipate significant
amounts of power. Several multiport cards inserted into
a rack in an enclosed central office box can add up to
many, many watts of power dissipation in an elevated
ambient temperature environment. The LT6300 has built-
in thermal shutdown circuitry that will protect the ampli-
fiers if operated at excessive temperatures, however data
transmissions will be seriously impaired. It is important in
the design of the PCB and card enclosure to take measures
to spread the heat developed in the driver away to the
ambient environment to prevent thermal shutdown (which
occurs when the junction temperature of the LT6300
exceeds 165
°C).
Estimating Line Driver Power Dissipation
Figure 6 is a typical ADSL application shown for the
purpose of estimating the power dissipation in the line
driver. Due to the complex nature of the DMT signal,
VSHDN
SHDNREF = 0V
AMPLIFIER
OUTPUT
6300 F05
Figure 5. Shutdown and Recovery Timing
Figure 6. Estimating Line Driver Power Dissipation
6300 F06
+
–
B
–IN
–
+
A
+IN
12V
20mA DC
SHDN
–12V
–2VRMS
17.4
Ω
24.9k – SETS IQ PER AMPLIFIER = 10mA
1:1.7
110
Ω
1000pF
110
Ω
1k
1k
17.4
Ω
SHDNREF
100
Ω
3.16VRMS
ILOAD = 57mARMS
2VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com