Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6300 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6300
Description  500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6300 Datasheet(HTML) 5 Page - Linear Technology

  LT6300 Datasheet HTML 1Page - Linear Technology LT6300 Datasheet HTML 2Page - Linear Technology LT6300 Datasheet HTML 3Page - Linear Technology LT6300 Datasheet HTML 4Page - Linear Technology LT6300 Datasheet HTML 5Page - Linear Technology LT6300 Datasheet HTML 6Page - Linear Technology LT6300 Datasheet HTML 7Page - Linear Technology LT6300 Datasheet HTML 8Page - Linear Technology LT6300 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT6300
TYPICAL PERFOR A CE CHARACTERISTICS
CMRR vs Frequency
PSRR vs Frequency
Frequency Response
vs Supply Current
FREQUENCY (MHz)
0.1
40
50
60
70
80
1
10
100
6300 G10
30
20
10
0
90
100
TA = 25°C
VS = ±12V
IS = 10mA PER AMPLIFIER
FREQUENCY (MHz)
30
90
100
20
10
80
50
70
60
40
0.01
1
10
100
6300 G11
–10
0
0.1
VS = ±12V
AV = 10
IS = 10mA PER AMPLIFIER
(–) SUPPLY
(+) SUPPLY
FREQUENCY (Hz)
1k
10k
0
5
10
15
20
100k
1M
10M
100M
6300 G12
–5
–10
–15
–20
25
30
VS = ±12V
AV = 10
2mA PER AMPLIFIER
10mA PER AMPLIFIER
15mA PER AMPLIFIER
Output Impedance vs Frequency
ISHDN vs VSHDN
Supply Current vs VSHDN
FREQUENCY (MHz)
0.01
0.1
0.01
1
1000
1
10
100
6300 G13
0.1
10
100
TA = 25°C
VS ±12V
IS PER
AMPLIFIER = 2mA
IS PER
AMPLIFIER = 10mA
IS PER
AMPLIFIER = 15mA
VSHDN (V)
0
1.5
2.0
2.5
4.0
6300 G14
1.0
0.5
0
1.0
2.0
3.0
5.0
3.5
0.5
1.5
2.5
4.5
TA = 25°C
VS = ±12V
VSHDNREF = 0V
VSHDN (V)
0
15
20
25
30
35
4.0
6300 G15
10
5
0
1.0
2.0
3.0
5.0
3.5
0.5
1.5
2.5
4.5
TA = 25°C
VS = ±12V
VSHDNREF = 0V
Differential Harmonic Distortion
vs Output Amplitude
VOUT(P-P)
–100
–90
–70
–60
–50
4
8
10
12
14
16
18
6300 G16
–80
02
6
–40
f = 1MHz
TA = 25°C
VS = ±12V
AV = 10
RL = 50Ω
IS PER AMPLIFIER = 10mA
HD3
HD2
Differential Harmonic Distortion
vs Frequency
FREQUENCY (kHz)
–60
–50
–40
800
6300 G17
–70
–80
–65
–55
–45
–75
–85
–90
200
100
400
300
600 700
900
500
1000
VO = 10VP-P
TA = 25°C
VS = ±12V
AV = 10
RL = 50Ω
IS PER AMPLIFIER = 10mA
HD3
HD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com