Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6300 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6300
Description  500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6300 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6300 Datasheet HTML 2Page - Linear Technology LT6300 Datasheet HTML 3Page - Linear Technology LT6300 Datasheet HTML 4Page - Linear Technology LT6300 Datasheet HTML 5Page - Linear Technology LT6300 Datasheet HTML 6Page - Linear Technology LT6300 Datasheet HTML 7Page - Linear Technology LT6300 Datasheet HTML 8Page - Linear Technology LT6300 Datasheet HTML 9Page - Linear Technology LT6300 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT6300
TYPICAL PERFOR A CE CHARACTERISTICS
Differential Harmonic Distortion
vs Supply Current
Undistorted Output Swing
vs Frequency
ISUPPLY PER AMPLIFIER (mA)
–85
–80
–70
–65
–60
789
10
–40
6300 G18
–75
23456
11
–55
–50
–45
VO = 10VP-P
VS = ±12V
AV = 10
RL = 50Ω
f = 1MHz, HD3
f = 1MHz, HD2
f = 100kHz, HD2
f = 100kHz, HD3
FREQUENCY (Hz)
100k
0
5
10
15
20
300k
1M
3M
10M
6300 G19
SFDR > 40dB
TA = 25°C
VS = ±12V
AV = 10
RL = 50Ω
IS PER AMPLIFIER = 10mA
TEST CIRCUIT
3
12
2
–12V
1k
12V
15
13
4 (SHDN)
RBIAS
1
16
110
Ω
OUT (+)
OUT (–)
10k
EIN
0.01
µF
RL ≈ 50Ω
1:2*
10k
49.9
Ω
110
Ω
12.7
Ω
6300 TC
8
9
10
5 (SHDNREF)
–
+
A
7
6
1k
0.1
µF
4.7
µF
0.1
µF
12V
–12V
–
+
B
–12V
12.7
Ω
VOUT(P-P)
100 LINE LOAD
SUPPLY BYPASSING
*COILCRAFT X8390-A OR EQUIVALENT
VOUTP-P AMPLITUDE SET AT EACH AMPLIFIER OUTPUT
DISTORTION MEASURED ACROSS LINE LOAD
SPLITTER
MINICIRCUITS
ZSC5-2-2
+
+
4.7
µF
+
0.1
µF
4.7
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com