Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6300 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6300
Description  500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6300 Datasheet(HTML) 3 Page - Linear Technology

  LT6300 Datasheet HTML 1Page - Linear Technology LT6300 Datasheet HTML 2Page - Linear Technology LT6300 Datasheet HTML 3Page - Linear Technology LT6300 Datasheet HTML 4Page - Linear Technology LT6300 Datasheet HTML 5Page - Linear Technology LT6300 Datasheet HTML 6Page - Linear Technology LT6300 Datasheet HTML 7Page - Linear Technology LT6300 Datasheet HTML 8Page - Linear Technology LT6300 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT6300
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full specified temperature range, otherwise specifications are at TA = 25°C.
VCM = 0V, pulse tested, ±5V ≤ VS ≤ ±12V, VSHDNREF = 0V, RBIAS = 24.9k between V+ and SHDN unless otherwise noted. (Note 3)
AVOL
Large-Signal Voltage Gain
VS = ±12V, VOUT = ±10V, RL = 40Ω
63
76
dB
q
57
dB
VS = ±5V, VOUT = ±3V, RL = 25Ω
60
70
dB
q
54
dB
VOUT
Output Swing
VS = ±12V, RL = 100Ω
10.7
10.9
±V
q
10.5
±V
VS = ±12V, IL = 250mA
10.4
10.7
±V
q
10.2
±V
VS = ±5V, RL = 25Ω
3.5
3.8
±V
q
3.3
±V
VS = ±5V, IL = 250mA
3.4
3.7
±V
q
3.2
±V
IOUT
Maximum Output Current
VS = ±12V, RL = 1Ω
500
1200
mA
IS
Supply Current per Amplifier
VS = ±12V, RBIAS = 24.9k (Note 6)
8.0
10
13.5
mA
q
6.7
15.0
mA
VS = ±12V, RBIAS = 32.4k (Note 6)
8
mA
VS = ±12V, RBIAS = 43.2k (Note 6)
6
mA
VS = ±12V, RBIAS = 66.5k (Note 6)
4
mA
VS = ±5V, RBIAS = 24.9k (Note 6)
2.2
3.4
5.0
mA
q
1.8
5.8
mA
Supply Current in Shutdown
VSHDN = 0.4V
0.1
1
mA
Output Leakage in Shutdown
VSHDN = 0.4V
0.3
1
mA
Channel Separation
VS = ±12V, VOUT = ±10V, RL = 40Ω
80
110
dB
q
77
dB
SR
Slew Rate
VS = ±12V, AV = – 10, (Note 7)
300
600
V/
µs
VS = ±5V, AV = –10, (Note 7)
100
200
V/
µs
HD2
Differential 2nd Harmonic Distortion
VS = ±12V, AV = 10, 2VP-P, RL = 50Ω, 1MHz
– 85
dBc
HD3
Differential 3rd Harmonic Distortion
VS = ±12V, AV = 10, 2VP-P, RL = 50Ω, 1MHz
– 82
dBc
GBW
Gain Bandwidth
f = 1MHz
200
MHz
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Applies to short circuits to ground only. A short circuit between
the output and either supply may permanently damage the part when
operated on supplies greater than
±10V.
Note 3: The LT6300C is guaranteed to meet specified performance from
0
°C to 70°C and is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and 85°C. The
LT6300I is guaranteed to meet the extended temperature limits.
Note 4: Thermal resistance varies depending upon the amount of PC board
metal attached to Pins 1, 8, 9, 16 of the device. If the maximum
dissipation of the package is exceeded, the device will go into thermal
shutdown and be protected.
Note 5: Guaranteed by the CMRR tests.
Note 6: RBIAS is connected between V + and the SHDN pin, with the
SHDNREF pin grounded.
Note 7: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±12V supplies and ±1V on a ±3V output signal while
operating on
±5V supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com