Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6300 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6300
Description  500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6300 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6300 Datasheet HTML 8Page - Linear Technology LT6300 Datasheet HTML 9Page - Linear Technology LT6300 Datasheet HTML 10Page - Linear Technology LT6300 Datasheet HTML 11Page - Linear Technology LT6300 Datasheet HTML 12Page - Linear Technology LT6300 Datasheet HTML 13Page - Linear Technology LT6300 Datasheet HTML 14Page - Linear Technology LT6300 Datasheet HTML 15Page - Linear Technology LT6300 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT6300
APPLICATIO S I FOR ATIO
Using DC blocking capacitors, as shown in Figure 15, to
AC couple the signal to the transformer eliminates the
possibility for DC current to flow under any conditions.
These capacitors should be sized large enough to not
impair the frequency response characteristics required for
the data transmission.
Another important fault related concern has to do with
very fast high voltage transients appearing on the tele-
phone line (lightning strikes for example). TransZorbs
®,
varistors and other transient protection devices are often
used to absorb the transient energy, but in doing so also
create fast voltage transitions themselves that can be
coupled through the transformer to the outputs of the line
driver. Several hundred volt transient signals can appear
at the primary windings of the transformer with current
into the driver outputs limited only by the back termination
resistors. While the LT6300 has clamps to the supply rails
at the output pins, they may not be large enough to handle
the significant transient energy. External clamping diodes,
such as BAV99s, at each end of the transformer primary
help to shunt this destructive transient energy away from
the amplifier outputs.
TransZorb is a registered trademark of General Instruments, GSI
6300 F15
+
–
1/2
LT6300
–IN
–
+
1/2
LT6300
+IN
12V
SHDN
–12V
12.7
Ω
0.1
µF
12V –12V
24.9k
1:2
LINE
LOAD
110
Ω
1000pF
110
Ω
1k
1k
12.7
Ω
SHDNREF
0.1
µF
12V –12V
BAV99
BAV99
Figure 15. Protecting the Driver Against Load Faults and Line Transients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com