Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4232 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4232
Description  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4232 Datasheet HTML 6Page - STMicroelectronics AN4232 Datasheet HTML 7Page - STMicroelectronics AN4232 Datasheet HTML 8Page - STMicroelectronics AN4232 Datasheet HTML 9Page - STMicroelectronics AN4232 Datasheet HTML 10Page - STMicroelectronics AN4232 Datasheet HTML 11Page - STMicroelectronics AN4232 Datasheet HTML 12Page - STMicroelectronics AN4232 Datasheet HTML 13Page - STMicroelectronics AN4232 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Application examples
AN4232
10/17
DocID024134 Rev 2
2.2
Frequency and pulse width measurement
In STM32F30x and STM32F37x devices, the comparator output can be redirected to the
input capture of the embedded timers. This feature allows a pulse width and/or frequency
measurement. The input signal, whose signal width/frequency has to be measured, is
connected to the non-inverting input of the analog comparator. The threshold (reference)
can be powered by:
•
the internal reference voltage VREFINT (1.22V) and sub-multiples (1/4 VREFINT, 1/2
VREFINT, 3/4 VREFINT)
•
the embedded digital-to-analog converters
•
an external pin
The comparator output is redirected internally to the input capture. In this mode, the timer
counter is captured at each effective edge. When the input signal goes higher than the
reference voltage, the comparator output is set to a high level generating a rising edge on
the timer input capture, and the timer counter is captured in the internal register. When the
input signal goes lower than the reference voltage, the comparator output is set to a low
level generating a falling edge and the timer counter is captured a second time in the
internal register. The time elapsed between the two consecutive captures represents the
pulse width. Hence, the pulse width measurement is performed by a simple subtraction of
the second and the first capture.
2.3
Analog voltage monitoring
STM32F30x and STM32F37x devices embed a 12-bit analog-to-digital converter (ADC)
which is very fast with a sampling rate in the order of several mega samples per second.
However, with a typical consumption of 1 mA, it may not be suitable for battery-powered
applications if it is left powered-on continuously. It is therefore useful to use an analog
comparator in application cases where an analog voltage (sensor output) needs to be
measured only when a predefined threshold is exceeded.
In STM32F30x and STM32F37x devices, the analog comparators are designed to work
even in low-power modes (Sleep mode and Stop mode). They are still powered-on and so
they are able to wake-up the MCU from low-power modes. In fact, the comparator output is
connected to the EXTI controller which also remains powered-on in lower-power modes.
Figure 5. Comparator output capability in low-power mode
Moreover, the comparator input is an ADC channel so PCB designer doesn't need to make
an external connection between the comparator input and the ADC channel.
In an analog voltage monitoring application where the sensor output voltage is lower than
the threshold, the MCU remains in Stop mode thereby saving power. As soon as the sensor
output exceeds the threshold, the analog comparator wakes up the MCU, the ADC is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com