Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4232 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4232
Description  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4232 Datasheet HTML 9Page - STMicroelectronics AN4232 Datasheet HTML 10Page - STMicroelectronics AN4232 Datasheet HTML 11Page - STMicroelectronics AN4232 Datasheet HTML 12Page - STMicroelectronics AN4232 Datasheet HTML 13Page - STMicroelectronics AN4232 Datasheet HTML 14Page - STMicroelectronics AN4232 Datasheet HTML 15Page - STMicroelectronics AN4232 Datasheet HTML 16Page - STMicroelectronics AN4232 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application examples
AN4232
14/17
DocID024134 Rev 2
Here is how the peripherals used are configured:
1.
COMP4 is configured as follows:
a)
The inverting input is connected to DAC1
b)
The non inverting input is connected to the Humidity sensor
c)
The output is connected internally to TIM4 channel 2 (configured in input capture
mode).
2.
TIM4 is clocked at 72 MHz and TIM4 channel 2 is configured in input capture mode to
measure the time constant.
3.
TIM3 is clocked at 72 MHz channel 3 and configured in PWM mode with the duty cycle
at 50%.
4.
DAC1 is used to set the threshold (reference) and it is equal to 2.85V. It is internally
connected to COMP4 inverting input.
Figure 8 shows the block diagram of the application and how the peripherals used are inter-
connected.
Figure 8. Block diagram of the humidity measurement application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com