Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4232 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4232
Description  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4232 Datasheet HTML 9Page - STMicroelectronics AN4232 Datasheet HTML 10Page - STMicroelectronics AN4232 Datasheet HTML 11Page - STMicroelectronics AN4232 Datasheet HTML 12Page - STMicroelectronics AN4232 Datasheet HTML 13Page - STMicroelectronics AN4232 Datasheet HTML 14Page - STMicroelectronics AN4232 Datasheet HTML 15Page - STMicroelectronics AN4232 Datasheet HTML 16Page - STMicroelectronics AN4232 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID024134 Rev 2
13/17
AN4232
Application examples
16
The COMP_OutputBlanking example aims at showing how the blanking feature can be
used.
In this example, COMP1 is configured as follows:
The non-inverting input is connected to PA1
The inverting input is connected to VREFINT (1.22V)
The output is available on PA0
The output is redirected to TIM1 BKIN to generate a break event when the non-
inverting input is at a higher voltage than the inverting input (VREFINT)
TIM1 OC5 is used as a blanking source
TIM1 is configured as follows:
TIM1 period is APB2 clock / period = 72000000/50000 = 1440 Hz
TIM1 CH2 (PA9) configured in PWM mode with a frequency equal to 1440 Hz and a
duty cycle pulse/period = 100 * (37500/50000) = 75%
TIM1 OC5 (internal channel: not available on GPIO) configured in PWM mode with a
frequency equal to 1440 Hz and a high level equal to pulse/period = 2000/72000000 =
27.7 microseconds
A break event is generated at a high polarity (when the non-inverting input is at a
higher voltage than the inverting input)
Note:
In STM32CubeF3 firmware package this example is available in the
Projects\STM32303C_EVAL\Examples\COMP\COMP_OutputBlanking and the
Projects\STM32303E_EVAL\Examples\COMP\COMP_OutputBlanking folders.
2.5
Humidity measurement
The analog comparators can be connected internally to input capture of embedded timers.
This feature makes it easy to measure the capacitance values using the charge/discharge
method. This “Humidity measurement” application is based on the HS1100/HS1101
capacitive relative humidity sensor available in the STM32303C-EVAL and STM32303E-
EVAL evaluation boards.
Note:
The application source code is available in the Project\STM32F30x_StdPeriph_Examples\
COMP\COMP_Hygrometer folder in the STM32F30x_DSP and standard peripherals library
package, stm32f30x_dsp_stdperiph_lib.
In STM32CubeF3 firmware package this example is available in the
Projects\STM32303C_EVAL\Examples\COMP\COMP_Hygrometer and the
Projects\STM32303E_EVAL\Examples\COMP\COMP_Hygrometer folders.
The capacitance measurement is performed using the variation of RxC time constant. A
square signal generated by TIM4 is passed through a charge resistance to
charge/discharge the capacitive sensor. The voltage on the sensor (Uc) is derived from the
equation below:
Uc = VDD x (1–(–t/(RxC))
where:
–VDD is the MCU power supply
R is the charge resistance
C is the capacitance of the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com