Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4232 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4232
Description  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4232 Datasheet HTML 7Page - STMicroelectronics AN4232 Datasheet HTML 8Page - STMicroelectronics AN4232 Datasheet HTML 9Page - STMicroelectronics AN4232 Datasheet HTML 10Page - STMicroelectronics AN4232 Datasheet HTML 11Page - STMicroelectronics AN4232 Datasheet HTML 12Page - STMicroelectronics AN4232 Datasheet HTML 13Page - STMicroelectronics AN4232 Datasheet HTML 14Page - STMicroelectronics AN4232 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID024134 Rev 2
11/17
AN4232
Application examples
16
powered on, and the analog input voltage is measured. When the sensor output is lower
than the threshold, the MCU re-enters the low-power mode to save battery life.
Enabling the ADC only when required (analog voltage higher than a threshold) dramatically
reduces the average power consumption, as compared to an application where the ADC is
always enabled whatever the analog voltage.
Note:
When an external signal needs to be monitored within a certain voltage range or window,
Window mode can be used. In this mode, the non-inverting inputs of comparators COMP1
and COMP2 are connected together and the input signal must be connected to the non-
inverting input of COMP1.
In STM32F30x devices, Window mode is available for COMP3/COMP4 and
COMP5/COMP6.
Figure 6. Current consumption in an analog voltage monitoring application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com