Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4232 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4232
Description  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4232 Datasheet HTML 9Page - STMicroelectronics AN4232 Datasheet HTML 10Page - STMicroelectronics AN4232 Datasheet HTML 11Page - STMicroelectronics AN4232 Datasheet HTML 12Page - STMicroelectronics AN4232 Datasheet HTML 13Page - STMicroelectronics AN4232 Datasheet HTML 14Page - STMicroelectronics AN4232 Datasheet HTML 15Page - STMicroelectronics AN4232 Datasheet HTML 16Page - STMicroelectronics AN4232 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DocID024134 Rev 2
15/17
AN4232
Application examples
16
When non-inverting COMP4 crosses the DAC1 level, the formula to compute the
capacitance value is:
TriggerTime = RES * Capacitance * ln(VDD/(VDD – VREF))
where:
–
TriggerTime is the time when the capture event occurred
–
RES is the charge resistance. Its value is 82.5 K 1%
–
Capacitance is the capacitance value of the humidity sensor
–VDD is the device power supply. It is equal to 3.3V
–VREF is the threshold generated by the DAC1
At VREF = 2.086V (generated by DAC), ln(VDD/(VDD – VREF)) is ~ 1.
Thus, the TriggerTime = RES * Capacitance, the Capacitance = TriggerTime/RES by the
consequent Capacitance = (ICReadValue/SystemCoreClock)/RES
where:
–
ICReadValue is the captured TIM4 counter
–
SystemCoreClock is the frequency at which the device (specifically TIM3 and
TIM4) is running.
Once the capacitance has been computed, the humidity value is given by:
RH (%) = -3.4656*103 * X3 + 1.0732*104 * X2 - 1.0457*104*X + 3.2459*103
where:
–
X = Capacitance/Capacitance55RH
–
Capacitance55RH is the capacitance at 55%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com