Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4271 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4271
Description  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4271 Datasheet HTML 5Page - STMicroelectronics AN4271 Datasheet HTML 6Page - STMicroelectronics AN4271 Datasheet HTML 7Page - STMicroelectronics AN4271 Datasheet HTML 8Page - STMicroelectronics AN4271 Datasheet HTML 9Page - STMicroelectronics AN4271 Datasheet HTML 10Page - STMicroelectronics AN4271 Datasheet HTML 11Page - STMicroelectronics AN4271 Datasheet HTML 12Page - STMicroelectronics AN4271 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID024318 Rev 1
9/20
AN4271
Transmitter parameters
Figure 6. ETSI spectral mask measurement limits and sub-band edges
where:
f
c
is the emission center frequency
f
e
is the sub-band edge frequency
only the upper half of the emission is shown. The lower half is a mirror image.
Figure 7. spectral mask measurement, 100 kHz channel spacing
fc
fe
fe+200 kHz
fe+400 kHz
fe+1 MHz
-30 dBm/1 kHz
-36 dBm/1 kHz
-36 dBm/10 kHz
-36 dBm/100 kHz
GAMS060320131449FSR
-75
-65
-55
-45
-35
-25
-15
-5
5
15
25
8.680E+08
8.683E+08
8.685E+08
8.688E+08
8.690E+08
8.693E+08
8.695E+08
8.698E+08
8.700E+08
8.703E+08
8.705E+08
8.708E+08
8.710E+08
Frequency [Hz]
Spectral mask, 38.4 kbps data rate, 20 kHz devia on
-30 dBm
-36 dBm
GAMS060320131637FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com