Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4271 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4271
Description  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4271 Datasheet HTML 10Page - STMicroelectronics AN4271 Datasheet HTML 11Page - STMicroelectronics AN4271 Datasheet HTML 12Page - STMicroelectronics AN4271 Datasheet HTML 13Page - STMicroelectronics AN4271 Datasheet HTML 14Page - STMicroelectronics AN4271 Datasheet HTML 15Page - STMicroelectronics AN4271 Datasheet HTML 16Page - STMicroelectronics AN4271 Datasheet HTML 17Page - STMicroelectronics AN4271 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Receiver parameters
AN4271
14/20
DocID024318 Rev 1
Figure 11. RX blocking vs. CW interferer offset with 1% BER, 1.2 kbps data rate
Figure 12. RX blocking vs. CW interferer offset with 1% BER, 500 kbps data rate
3.3
Receiver spurious radiation
Spurious radiation from the receiver are components at any frequency radiated by the
equipment and antenna.
20
30
40
50
60
70
80
90
100
-10000
-8000
-6000
-4000
-2000
0
2000
4000
6000
8000
10000
CW interferer offset [kHz]
2.4 kbps
4.8 kbps
ETSI Limits
GAMS060320131654FSR
10
20
30
40
50
60
70
80
90
-10000
-8000
-6000
-4000
-2000
0
2000
4000
6000
8000
10000
CW interferer offset [kHz]
38.4 kbps
ETSI Limits
GAMS060320131659FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com