Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4271 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4271
Description  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4271 Datasheet HTML 9Page - STMicroelectronics AN4271 Datasheet HTML 10Page - STMicroelectronics AN4271 Datasheet HTML 11Page - STMicroelectronics AN4271 Datasheet HTML 12Page - STMicroelectronics AN4271 Datasheet HTML 13Page - STMicroelectronics AN4271 Datasheet HTML 14Page - STMicroelectronics AN4271 Datasheet HTML 15Page - STMicroelectronics AN4271 Datasheet HTML 16Page - STMicroelectronics AN4271 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID024318 Rev 1
13/20
AN4271
Receiver parameters
Figure 10. Sensitivity vs. data rate with 1% BER
3.2
Blocking
Blocking is a measure of the capability of the receiver to receive a wanted modulated signal
without exceeding a given degradation due to the presence of an unwanted input signal at
any frequency other than those of the spurious responses or the adjacent channels or
bands.
All the blocking results are measured by positioning the input power 3 dB above the
measured sensitivity limit reported in the previous paragraph, with a primary signal source
generator. A second generator with an un-modulated signal is used as the interferer and
combined with the primary signal using a power combiner. The second interferer generator
is placed at the desired frequency offset and the power is increased until the BER
degradation of 1% is obtained.
ETSI specifies the blocking limits in absolute values at two points: ±2 and ±10 MHz. The
limit for class 2 receiver at ±2 MHz is > 35 dB - 10log(BWkHz/16 kHz), at ±10 MHz it is > 60
dB - 10log(BWkHz/16 kHz).
Figure 11 shows the blocking curves with 2.4 kbps and 4.8 kbps
data rates;
Figure 12 shows the blocking curve with 38.4 kbps data rate.
The SPIRIT1 with range extender is fully compliant with ETSI class 2 receiver blocking
requirements, with a large margin.
-125
-120
-115
-110
-105
-100
-95
-90
-85
110
100
Data Rate [kbps]
Measured
ETSI Limits
GAMS060320131648FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com