Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4271 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4271
Description  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4271 Datasheet HTML 8Page - STMicroelectronics AN4271 Datasheet HTML 9Page - STMicroelectronics AN4271 Datasheet HTML 10Page - STMicroelectronics AN4271 Datasheet HTML 11Page - STMicroelectronics AN4271 Datasheet HTML 12Page - STMicroelectronics AN4271 Datasheet HTML 13Page - STMicroelectronics AN4271 Datasheet HTML 14Page - STMicroelectronics AN4271 Datasheet HTML 15Page - STMicroelectronics AN4271 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Receiver parameters
AN4271
12/20
DocID024318 Rev 1
3
Receiver parameters
All the measurement reported here are measured with the following parameters: T
C
= 25 °C,
V
DD
= 3.3 V, f = 869.500 MHz.
The family of short range radio devices is divided into three receiver categories, each having
a set of relevant receiver requirements and minimum performance criteria. The set of
receiver requirements depends on the choice of receiver category by the equipment
provider. The SPIRIT1 is a transceiver that meets the requirements of receiver category 2,
which means medium reliable SRD communication media that can cause inconvenience to
persons, which cannot simply be overcome by other means.
The main parameters that have to be measured for category 2 devices are sensitivity,
blocking and receiver spurious radiation.
3.1
Receiver sensitivity
Receiver sensitivity is the minimum level of the signal at receiver input, produced by a
carrier at the nominal frequency of the receiver, modulated with the normal test signal
modulation, which produces performance of a bit error rate (BER) of 10-2 without correction.
Under normal test conditions, the value of the typical usable sensitivity for 25 kHz channel
spacing equipment with a 16 kHz bandwidth shall not exceed -107 dBm. If the RX
bandwidth is not 16 kHz, the sensitivity limit is modified according to the following formula:
Equation 1
The measurement is performed using an RF signal source generator centered at the same
receiver frequency as the desired modulation signal. The demodulated data and clock are
taken from the SPIRIT1 receiver and sent to the same generator to do the BER
measurement. The generator signal level is reduced until a BER of 1% is obtained.
To reduce power consumption, an internal SMPS is integrated in the SPIRIT1.
Figure 10
demonstrates the ETSI 1% BER sensitivity limit (red line) and the SPIRIT1 sensitivity for
different data rate. This application note outlines the expected performance when using the
SPIRIT1 under EN 300 220-1 (v2.4.1, 2012-01) [
2] in the 869.400 - 869.650 MHz band, with
the channel lower than 25 kHz, or with a single channel of the 250 kHz band. Just to show
the real performance of the application, different channel spacings are shown. The test
conditions are: GFSK (BT = 0.5) modulation with 2.4 kHz frequency deviation and 8 kHz
channel bandwidth for the 2.4 kbps data rate, GFSK (BT = 0.5) modulation with 1.2 kHz
frequency deviation and 8 kHz channel bandwidth for the 4.8 kbps data rate, GFSK (BT = 1)
modulation with 20 kHz frequency deviation and 250 kHz channel bandwidth for the 38.4
kbps data rate. The sensitivity is also measured with a PER of 1%.
The SPIRIT1 is fully compliant with ETSI class 2 receiver sensitivity requirements, with a
large margin.
Sp[dBm]
10log
BW[kHz]
16
-----------------------


107
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com