Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4271 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4271
Description  Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4271 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4271 Datasheet HTML 1Page - STMicroelectronics AN4271 Datasheet HTML 2Page - STMicroelectronics AN4271 Datasheet HTML 3Page - STMicroelectronics AN4271 Datasheet HTML 4Page - STMicroelectronics AN4271 Datasheet HTML 5Page - STMicroelectronics AN4271 Datasheet HTML 6Page - STMicroelectronics AN4271 Datasheet HTML 7Page - STMicroelectronics AN4271 Datasheet HTML 8Page - STMicroelectronics AN4271 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID024318 Rev 1
5/20
AN4271
Application circuit
Figure 3. Daughterboard circuit schematic (1 of 2)
C6
C_220p_0402_C0G
R14
R_100k_0402
C10
C_10P_0402_C0G
L1
L_3n_0402
C12
C_100n_0402_X7R
Y1
XTAL
C22
C_330p_0402_C0G
U1
SPIRIT1
GPIO_0
1
SDO
2
SDI
3
SCLK
4
CSn
5
REXT
11
TX
12
SMPS2
13
SMPS1
14
SDn
15
C8
C_220p_0402_C0G
L7
L_10U_0805
L4
L_18n_0402
J6
HEADER 5X2
C1
ne
C2
C_8.2p_0402_C0G
L3
L_4.3n_0402
U3
M95640
nS
1
Q
2
nW
3
Vss
4
Vcc
8
nHOLD
7
C
6
D
5
L2
0R0
C13
C_560p_0402_X7R
R12
R_100k_0402
C20
C_1U_0603_X7R
C4
C_2.2pF_0402_COG
C3
C_5.6p_0402_C0G
C33
C_100n_0402_X7R
C14
C_1.2p_0402_C0G
L10
L_10n_0402
C9
C_12P_0402_C0G
L8
0R0
C15
ne
C19
C_10n_0402_X7R
C0
C_100n_0402_X7R
R13
R_100k_0402
C5
C_1.8p_0402_C0G
L6
L_22n_0402
C11
C_470n_0603_X7R
J7
HEADER 5X2
C21
C_100p_0402_C0G
L9
L_2.7n_0402
L0
L_100n_0402
L5
L_18n_0402
U7
TMM
1
1
2
2
3
3
4
4
SDn
GPIO0
GPIO1
GPIO3
SCLK
SDO
SDI
CSn
GPIO2
DUMMY3
nS
nS
SCLK
SDI
SDO
VCC_RF
3V3
VCC_RF
3V3
TX_Path
GPIO2
GPIO1
GPIO0
RX_Path
NX3225GA-xxMHz (XTAL)
GAMS060320131434FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com