Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4467 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 17Page - STMicroelectronics AN4467 Datasheet HTML 18Page - STMicroelectronics AN4467 Datasheet HTML 19Page - STMicroelectronics AN4467 Datasheet HTML 20Page - STMicroelectronics AN4467 Datasheet HTML 21Page - STMicroelectronics AN4467 Datasheet HTML 22Page - STMicroelectronics AN4467 Datasheet HTML 23Page - STMicroelectronics AN4467 Datasheet HTML 24Page - STMicroelectronics AN4467 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID026156 Rev 2
21/33
AN4467
Clocks
32
2.4
Clock security system on HSE (CSSHSE)
The clock security system can be activated by software. In this case, the clock detector is
enabled after the HSE oscillator startup delay, and disabled when this oscillator is stopped.
If a failure is detected on the HSE oscillator clock, this oscillator is automatically disabled
and an interrupt is generated to inform the software about the failure (clock security system
on HSE interrupt, CSSHSEI), allowing the MCU to perform rescue operations. The
CSSHSEI is linked to the Cortex®-M0+ NMI (non-maskable interrupt) exception vector.
If the HSE oscillator is used directly or indirectly as the system clock (indirectly means: it is
used as the PLL input clock, and the PLL clock is used as the system clock), a detected
failure causes the system clock to switch to the MSI oscillator and the external HSE
oscillator to be disabled. If the HSE oscillator clock is the clock entry of the PLL used as the
system clock when the failure occurs, the PLL is also disabled.
For details, see the STM32L0xx reference manuals (RM0367, RM0376, RM0377).
2.5
HSI16 clock
The HSI16 clock signal is generated from an internal 16 MHz RC oscillator and can be used
directly as a system clock or can used as PLL input. The HSI16 RC oscillator has the
advantage of providing a clock source at low cost (no external components). It also has a
faster startup time than the HSE crystal oscillator. However, even with calibration, the
frequency is less accurate than an external crystal oscillator or ceramic resonator.
Calibration
RC oscillator frequencies can vary from one chip to another due to manufacturing process
variations, This is why each device is factory calibrated by ST for 1% accuracy at TA = 25°C.
If the application is subject to voltage or temperature variations, the RC oscillator speed will
be impacted. You can trim the HSI16 frequency in the application through the RCC_ICSCR
register. Typically, this uses the HSE or LSE as reference (see RM0367/376/377 for details
on clock measurement with TIM21). For more information refer to AN3300 “How to calibrate
an STM32Lxx internal RC oscillator”.
2.6
LSI clock
The LSI RC acts as an low-power clock source that can be kept running in Stop and
Standby mode for the independent watchdog (IWDG) and RTC. The clock frequency is
around 40 kHz (between 30 and 60 kHz). For more details, refer to the electrical
characteristics section of the datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com