Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4467 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 25Page - STMicroelectronics AN4467 Datasheet HTML 26Page - STMicroelectronics AN4467 Datasheet HTML 27Page - STMicroelectronics AN4467 Datasheet HTML 28Page - STMicroelectronics AN4467 Datasheet HTML 29Page - STMicroelectronics AN4467 Datasheet HTML 30Page - STMicroelectronics AN4467 Datasheet HTML 31Page - STMicroelectronics AN4467 Datasheet HTML 32Page - STMicroelectronics AN4467 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DocID026156 Rev 2
29/33
AN4467
Reference design
32
6.2
Component references
Table 5. Mandatory components
Reference
Component name
Value
Quantity
Comments
U1A
Microcontroller
STM32L053R8(T6)
1
64-pin package
C8, C9, C10, C13 Capacitor
100 nF
3 ... 5
Ceramic capacitors
(decoupling capacitors)
C11
Capacitor
4.7 µF
1
Tantalum / chemical / ceramic capacitor
(decoupling capacitor)
C6, C12
Capacitor
1 µF
2
Ceramic capacitor
(LCD booster or decoupling capacitor)
Table 6. Optional components
Reference
Component name
Value
Quantity
Comments
R1
Resistor
390
Ω
1
Used for HSE: the value depends on the crystal
characteristics, refer to application note AN2687
C5
Capacitor
100 nF
1
Ceramic capacitor
C1, C2
Capacitor
6.8 pF
2
Used for LSE: the value depends on the crystal
characteristics. Fits for MC-306 32.768K-E3, which
has a load capacitance of 6 pF.
C3, C4
Capacitor
20 pF
2
Used for HSE: the value depends on the crystal
characteristics, refer to application note AN2687
X1
Quartz
8 MHz
1
Used for HSE
X2
Quartz
32.764 kHz
1
Used for LSE
CN1
SWD connector
HE10
1
-
SW1
Switch
-
2
Used to select the right boot mode
B1
Push-button
-
1
-
L1
Ferrite bead
-
1
For EMC reduction on VDDA supply, can be replaced
by a direct connection between VDD and VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com