Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4467 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 18Page - STMicroelectronics AN4467 Datasheet HTML 19Page - STMicroelectronics AN4467 Datasheet HTML 20Page - STMicroelectronics AN4467 Datasheet HTML 21Page - STMicroelectronics AN4467 Datasheet HTML 22Page - STMicroelectronics AN4467 Datasheet HTML 23Page - STMicroelectronics AN4467 Datasheet HTML 24Page - STMicroelectronics AN4467 Datasheet HTML 25Page - STMicroelectronics AN4467 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Boot configuration
AN4467
22/33
DocID026156 Rev 2
3
Boot configuration
3.1
Boot mode selection
In the Root part number 1, three different boot modes can be selected through the BOOT0
pin and nBOOT1 option bit, as shown in Table 2.
The values on the BOOT0 pin and nBOOT1 bit are latched on the 4th rising edge of
SYSCLK after a reset. The user must set nBOOT1 and BOOT0 to select the required boot
mode.
BOOT0 is a dedicated pin.The BOOT0 pin and nBOOT1 bit are also resampled when
exiting Standby mode. Consequently, they must be kept in the required Boot mode
configuration in Standby mode. After this startup delay has elapsed, the CPU fetches the
top-of-stack value from address 0x0000 0000, and starts code execution from the boot
memory starting from 0x0000 0004.
Depending on the selected boot mode, main Flash program memory, system memory or
SRAM is accessible as follows:
•
Boot from main Flash memory: the main Flash program memory is aliased in the boot
memory space (0x0000 0000), but is still accessible from its original memory space
(0x0800 0000). In other words, the Flash memory contents can be accessed starting
from address 0x0000 0000 or 0x0800 0000.
•
Boot from System memory: the system memory is aliased in the boot memory space
(0x0000 0000), but is still accessible from its original memory space (0x1FFF EC00).
•
Boot from embedded SRAM: the SRAM is aliased in the boot memory space (0x0000
0000), but is still accessible from its original memory space (0x2000 0000).
Table 2. Boot modes
BOOT mode selection pins
Boot mode
Aliasing
BOOT1(1)
1. The BOOT1 value is the opposite of the nBOOT1 option bit.
BOOT0
x
0
Main Flash memory Main Flash memory is selected as boot space
0
1
System memory
System memory is selected as boot space
1
1
Embedded SRAM
Embedded SRAM is selected as boot space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com