Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4467 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 21Page - STMicroelectronics AN4467 Datasheet HTML 22Page - STMicroelectronics AN4467 Datasheet HTML 23Page - STMicroelectronics AN4467 Datasheet HTML 24Page - STMicroelectronics AN4467 Datasheet HTML 25Page - STMicroelectronics AN4467 Datasheet HTML 26Page - STMicroelectronics AN4467 Datasheet HTML 27Page - STMicroelectronics AN4467 Datasheet HTML 28Page - STMicroelectronics AN4467 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DocID026156 Rev 2
25/33
AN4467
Debug management
32
4.4.1
SWD pin assignment
After reset (SYSRESETn or PORESETn), the pins used for the SWD are assigned as
dedicated pins which are immediately usable by the debugger host.
However, the MCU offers the possibility to disable the SWD, therefore releasing the
associated pins for general-purpose I/O (GPIO) usage. For more details on how to disable
SWD port, refer to the section on I/O pin alternate function multiplexer and mapping of
reference manuals RM0367/ 0376 / 0377.
4.4.2
Internal pull-up and pull-down on SWD pins
Once the SWD I/O is released by the user software, the GPIO controller takes control of
these pins. The reset states of the GPIO control registers put the I/Os in the equivalent
states:
•
SWDIO: alternate function pull-up
•
SWCLK: alternate function pull-down
Having embedded pull-up and pull-down resistors removes the need to add external
resistors.
4.4.3
SWD port connection with standard SWD connector
Figure 13 shows the connection between the STM32L0xx and a standard SWD connector.
Figure 13. SWD port connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com