Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4467 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 24Page - STMicroelectronics AN4467 Datasheet HTML 25Page - STMicroelectronics AN4467 Datasheet HTML 26Page - STMicroelectronics AN4467 Datasheet HTML 27Page - STMicroelectronics AN4467 Datasheet HTML 28Page - STMicroelectronics AN4467 Datasheet HTML 29Page - STMicroelectronics AN4467 Datasheet HTML 30Page - STMicroelectronics AN4467 Datasheet HTML 31Page - STMicroelectronics AN4467 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Reference design
AN4467
28/33
DocID026156 Rev 2
6
Reference design
6.1
Description
The reference design shown in Figure 15, is based on the STM32L053RBT6
.
This reference design can be tailored to any Root part number 1 device with a different
package, using the pin correspondence given in Table 7: Reference connection for all
packages.
6.1.1
Clock
Two clock sources are used for the microcontroller:
•
LSE: X2– 32.768 kHz crystal for the embedded RTC
•
HSE: X1– 8 MHz crystal for the Root part number 1 microcontroller
Refer to Section 2: Clocks.
6.1.2
Reset
The reset signal in Figure 15 is active low. The reset sources include:
•
Reset button (B1)
•
Debugging tools via the connector CN1
Refer to Section 1.3: Reset and power supply supervisor.
6.1.3
Boot mode
The boot option is configured by setting switches SW1 (Boot 0). Refer to Section 3: Boot
configuration.
Note:
When waking up from Standby mode, the Boot pin is sampled. In this situation, you need to
pay attention to its value.
6.1.4
SWD interface
The reference design shows the connection between the Root part number 1 and a
standard SWD connector. Refer to Section 4: Debug management.
Note:
It is recommended to connect the reset pins so as to be able to reset the application from
the tools.
6.1.5
Power supply
Refer to Section 1: Power supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com