Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1546 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1546
Description  STEVAL-IHM037V1 remote fan speed controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1546 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1546 Datasheet HTML 2Page - STMicroelectronics UM1546 Datasheet HTML 3Page - STMicroelectronics UM1546 Datasheet HTML 4Page - STMicroelectronics UM1546 Datasheet HTML 5Page - STMicroelectronics UM1546 Datasheet HTML 6Page - STMicroelectronics UM1546 Datasheet HTML 7Page - STMicroelectronics UM1546 Datasheet HTML 8Page - STMicroelectronics UM1546 Datasheet HTML 9Page - STMicroelectronics UM1546 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
System overview
UM1546
6/17
Doc ID 023229 Rev 1
2
System overview
2.1
Hardware design description
Figure 2.
Wiring block diagram
2.1.1
STEVAL-IHM037V1
This application uses two timers and two external interrupts, one each for decoding the IR
remote signal and the other pair for detecting the zero crossing and timing the firing angle of
the TRIAC for fan speed control. This application can be easily adapted for remote control of
light dimmers, room heaters, water heaters, window pane/curtain control, home automation
and other similar applications. The TRIAC used in this design is rated at 4 A current. This
may be changed to suit the application requirements while keeping everything else the
same. The same MCU can even control multiple TRIACs depending on the application.
2.1.2
RC5 protocol
RC protocol basics:
The RC5 code is a 14-bit word, it uses bi-phase modulation (also called Manchester coding)
of a 36 kHz IR carrier frequency. All bits have an equal length of 1.778 ms, with half of the bit
time filled with a burst of the 36 kHz carrier and the other half being idle. A logical zero is
represented by a burst in the first half of the bit time. A logical one is represented by a burst
in the second half of the bit time (refer to Figure 1). The duty cycle of the 36 kHz carrier
frequency is 33% or 25%. This reduces power consumption for the IR LED on the
transmitter side and also allows the LED to operate at a higher peak current for a longer
communication range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com