Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1546 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1546
Description  STEVAL-IHM037V1 remote fan speed controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1546 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1546 Datasheet HTML 9Page - STMicroelectronics UM1546 Datasheet HTML 10Page - STMicroelectronics UM1546 Datasheet HTML 11Page - STMicroelectronics UM1546 Datasheet HTML 12Page - STMicroelectronics UM1546 Datasheet HTML 13Page - STMicroelectronics UM1546 Datasheet HTML 14Page - STMicroelectronics UM1546 Datasheet HTML 15Page - STMicroelectronics UM1546 Datasheet HTML 16Page - STMicroelectronics UM1546 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Resistors
R3
330 k
Ω/0.5 W
Leaded
Any
Digi-Key
PPC330KW-1CT-ND
R4,R6
4.7 k
Ω
SMD0805
Any
R7
100 k
Ω
SMD0805
Any
R8
2.7 k
Ω
SMD0805
Any
Switches
SW1, SW2
Push button switch
right angle
Switch tactile
SPST-NO 0.05
A 12 V
TT Electronics
SWT6-R6K
Digi-Key
987-1385-ND
Document / project reference: BOM for the IR remote transmitter
ST devices
U1
STM8L101 8-bit low
power MCU
TSSOP-20
STMicroelectronics
STM8L101F2P6
Q1
PNP transistor
SOT-23
STMicroelectronics
2STR2260
Other
devices
IRLED
940 nm IR LED
3 mm through
hole
Vishay
TSAL4400
Digi-Key
751-1201-ND
BT1
3 V CR2032 battery
retainer
Memory protection
devices
BK-833
Digi-Key
BHSD-2032-SMCT-ND
Capacitors
C1
100 nF ceramic
SMD0805
Any
Resistors
R1
22
Ω
SMD0805
Any
Switches
SW1, SW2,
SW3(2)
Carbon contact push
button switch on PCB
ENIG gold
plated carbon
contact switch
(PCB)
3
Enclosure
N/A
BOSS 3 button key
FOB enclosure
Enclosure
Boss Enclosures
2955-20R-3
Farnell
1264656
1.
C4 X2 rating is important for reliable operation. A DC rated capacitor (even rated at 1000V DC) will fail over time as it is not designed to withstand the stress conditions
present on AC supply lines. Use 330 nF for 230 V AC nominal supply voltage and increase to 680 nF for 110V AC supply.
2.
SW1, SW2, SW3 are carbon contact footprints on PCB while the actual carbon contact is integrated into the enclosure. Alternately 2 pin tactile SMD switch from
MULTICOMP part no. DTSM-32S-B can be used on the same footprint.
Table 2.
BOM (continued)
Category
Reference
designator
Component
description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number
Supplier
Supplier ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com