Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1546 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1546
Description  STEVAL-IHM037V1 remote fan speed controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1546 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1546 Datasheet HTML 1Page - STMicroelectronics UM1546 Datasheet HTML 2Page - STMicroelectronics UM1546 Datasheet HTML 3Page - STMicroelectronics UM1546 Datasheet HTML 4Page - STMicroelectronics UM1546 Datasheet HTML 5Page - STMicroelectronics UM1546 Datasheet HTML 6Page - STMicroelectronics UM1546 Datasheet HTML 7Page - STMicroelectronics UM1546 Datasheet HTML 8Page - STMicroelectronics UM1546 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
UM1546
Getting started
Doc ID 023229 Rev 1
5/17
4.
Connect the two combined neutral black wires to the mains supply neutral and, lastly,
connect J6 from the FSC board to live of the mains supply.
5.
Ensure that all parts of the FSC PCB and connection wires are well isolated from any
conducting surfaces such as metal parts, etc. to avoid accidental shock hazard or
damage to the circuit.
6.
Once the switch is turned on, ensure that no part of the PCB is touched using bare
hands or metallic objects.
7.
The fan speed can now be changed using the IR remote transmitter unit or using the
tactile switches provided onboard. When using the onboard tactile switches, kindly
ensure that no direct body contact is made with the circuit (use safety gloves).
8.
The microcontroller can be programmed over the SWIM interface using an ST-Link or
R-Link programming tool. When doing so, the circuit should be completely
disconnected from the mains supply and powered using the +5 V supply from an R-
Link or an external +5 V power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com