Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1546 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1546
Description  STEVAL-IHM037V1 remote fan speed controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1546 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1546 Datasheet HTML 3Page - STMicroelectronics UM1546 Datasheet HTML 4Page - STMicroelectronics UM1546 Datasheet HTML 5Page - STMicroelectronics UM1546 Datasheet HTML 6Page - STMicroelectronics UM1546 Datasheet HTML 7Page - STMicroelectronics UM1546 Datasheet HTML 8Page - STMicroelectronics UM1546 Datasheet HTML 9Page - STMicroelectronics UM1546 Datasheet HTML 10Page - STMicroelectronics UM1546 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
UM1546
System overview
Doc ID 023229 Rev 1
7/17
Figure 3.
RC5 bit representation
The RC5 frame can generate 2048 (32x64) different commands organized in 32 groups,
each group has 64 different commands. An RC5 frame contains the following fields (an
example of an RC5 frame is shown in Figure 2):
●
Start bit (S): 1 bit length, always logic 1.
●
Field bit (F): 1 bit length, which denotes whether the command sent is in the lower field
(logic 1 = 0 to 63 decimal) or the upper field (logic 0 = 64 to 127 decimal).
●
Control bit or Toggle bit (C): 1 bit length, which toggles each time a button is pressed.
This allows the receiving device to distinguish between two successive button presses
(such as “1”, “1” for “11”).
●
Address: 5-bit length that selects one of 32 possible systems.
●
Command: 6-bit length, that (in conjunction with the field bit) represents one of the 128
possible RC-5 commands.
Figure 4.
Example of an RC5 frame
To avoid frame collisions, an idle time is inserted between two frames with a specific width
(see Figure 3).
The idle time is defined as 50 bits wide. So the periodicity of a frame is 64 x 1 bit width:
64 x 1.778 = 113.792 ms (exactly 113.788 ms).
AM12357v1
Modulated RC5 bit
Demodulated RC5 bit
Logic ‘0’
Logic ‘1’
889 µs889 µs
889 µs
889 µs
AM12343v1
Address = 4
Command = 39
Field bit = 1 (Command 0-63)
Control bit = 0
S F
5 x Address bits
6 x Command bits
11
1
1
1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com