Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1546 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1546
Description  STEVAL-IHM037V1 remote fan speed controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1546 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1546 Datasheet HTML 1Page - STMicroelectronics UM1546 Datasheet HTML 2Page - STMicroelectronics UM1546 Datasheet HTML 3Page - STMicroelectronics UM1546 Datasheet HTML 4Page - STMicroelectronics UM1546 Datasheet HTML 5Page - STMicroelectronics UM1546 Datasheet HTML 6Page - STMicroelectronics UM1546 Datasheet HTML 7Page - STMicroelectronics UM1546 Datasheet HTML 8Page - STMicroelectronics UM1546 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2012
Doc ID 023229 Rev 1
1/17
UM1546
User manual
STEVAL-IHM037V1 remote fan speed controller
Introduction
The remote fan speed controller is a single channel TRIAC based solution meant to replace
the existing fan speed controllers and provide the IR remote control feature. It is designed to
fit easily inside an enclosure with the dimensions of a single-switch module.
A non-isolated capacitive power supply is used to power the microcontroller and the IR
sensor. The TSOP38438 IR sensor is used to demodulate the 38 kHz IR signal from the IR
transmitter and decoded by the STM8S003 value line microcontroller to perform the various
control functions. IR communication is based on the RC5 protocol standard. A TRIAC is
used as the control element to regulate the power going into the fan by varying its firing
angle for different speed settings. The speed settings can be changed by using the onboard
tactile switches or by using the IR remote controller.
The STM8S003F3 value line 8-bit microcontroller, with its internal data EEPROM, hardware
timers and external interrupts on GPIOs, makes an efficient implementation of the
application possible while keeping the size, cost and external component count to a
minimum.
Figure 1.
Remote fan speed controller board STEVAL-IHM037V1
This document explains the different parts of the application.
The key features of the application are:
■ Fan speed control using SW1, SW2 keys or IR remote
■ Compact and cost effective capacitive power supply
■ Example firmware based on RC5 protocol. Can also work with NEC and other IR protocols
■ Low cost solution. Can be used for light dimmer applications with software modifications.
www.st.com


Similar Part No. - UM1546

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
STCF04 demonstration kit
28-Aug-2012
logo
Union Semiconductor, In...
UM15413DA UNIONSEMI-UM15413DA Datasheet
542Kb / 19P
Ultra Low Quiescent Current Linear Regulator
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
UM15413S UNIONSEMI-UM15413S Datasheet
542Kb / 19P
Ultra Low Quiescent Current Linear Regulator
UM15413Y UNIONSEMI-UM15413Y Datasheet
542Kb / 19P
Ultra Low Quiescent Current Linear Regulator
More results

Similar Description - UM1546

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
Remote Fan Controller IC
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
Remote Fan Controller IC?
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
Fan Speed Controller
logo
STMicroelectronics
UM1548 STMICROELECTRONICS-UM1548 Datasheet
816Kb / 14P
IR remote trasmitter STEVAL-IHM037V1
07-Dec-2012
logo
ON Semiconductor
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
FAN SPEED CONTROLLER
R2_0215
logo
ON Semiconductor
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
Remote Control Fan Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com