Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1561 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM1561
Description  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM1561 Datasheet HTML 12Page - STMicroelectronics UM1561 Datasheet HTML 13Page - STMicroelectronics UM1561 Datasheet HTML 14Page - STMicroelectronics UM1561 Datasheet HTML 15Page - STMicroelectronics UM1561 Datasheet HTML 16Page - STMicroelectronics UM1561 Datasheet HTML 17Page - STMicroelectronics UM1561 Datasheet HTML 18Page - STMicroelectronics UM1561 Datasheet HTML 19Page - STMicroelectronics UM1561 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Data sensing section for the closed loop control
UM1561
16/39
Doc ID 023556 Rev 1
}
return nRet;
}
where:
●
DS_GPIO_Configuration();
is (Configures the GPIO pins)
●
DS_TIMx_Configuration();
is (Configures the TIM8 timer)
●
DS_DMA_Configuration();
is (Configures the DMA)
●
DS_DMA_Configuration();
is (Configures the ADC).
DS_GPIO_Configuration(..):
The following GPIO pins are configured as “Analog Input” in order to connect the external
sensing section with the internal ADC.
/*************************************************************************
* Function Name
: GPIO_Configuration
* Description
: Configures the different GPIO ports for data sensing.
* Input
: None
* Output
: None
* Return
: None
*************************************************************************/
void DS_GPIO_Configuration(void)
{
/* Configure PC.0 PC.1 (ADC Channel10, 11) as analog input -----------*/
GPIO_InitStructure.GPIO_Pin
=
GPIO_Pin_0|GPIO_Pin_1|GPIO_Pin_2|GPIO_Pin_3|GPIO_Pin_4|GPIO_Pin_5;
GPIO_InitStructure.GPIO_Mode = GPIO_Mode_AIN;
GPIO_Init(GPIOC, &GPIO_InitStructure);
/*For Debug pourpouse*/
/* Configure Test Pin:PC9-----------------------------------*/
GPIO_InitStructure.GPIO_Pin
= GPIO_Pin_9;
GPIO_InitStructure.GPIO_Mode
= GPIO_Mode_Out_PP;
GPIO_InitStructure.GPIO_Speed = GPIO_Speed_50MHz;
GPIO_Init(GPIOC, &GPIO_InitStructure);
}
DS_TIMx_Configuration(..):
The DS_TIMx_Configuration includes the configuration code for the advanced timer TIM8
useful also for ADC triggering.
void DS_TIMx_Configuration(void)
{
//
TIM8 Configuration: PWM1 Mode
TIM_TimeBaseStructure.TIM_Period = ((DataSensing.Init.Counter) >> 1);
TIM_TimeBaseStructure.TIM_Prescaler = 0;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com