Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1561 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1561
Description  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1561 Datasheet HTML 21Page - STMicroelectronics UM1561 Datasheet HTML 22Page - STMicroelectronics UM1561 Datasheet HTML 23Page - STMicroelectronics UM1561 Datasheet HTML 24Page - STMicroelectronics UM1561 Datasheet HTML 25Page - STMicroelectronics UM1561 Datasheet HTML 26Page - STMicroelectronics UM1561 Datasheet HTML 27Page - STMicroelectronics UM1561 Datasheet HTML 28Page - STMicroelectronics UM1561 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
UM1561
Implementation of digital phase locked loop
Doc ID 023556 Rev 1
25/39
static s16 Delta_Theta=0;
static u16 freq_monitor_time=0;
mul_q15_q15_q31(Input_Integration,SAMPLING_TIME,&Delta_Theta_tmp);
Delta_Theta = (s16)(Delta_Theta_tmp>>16);
Theta=Theta+Delta_Theta;//
Theta_time++;
if(zero_detect==50)
{
VqFiltered_min=65500;
VqFiltered_max=0;
Theta_time=0;
zero_detect=0;
}
VqFiltered_prec = (u16)(Grid_Volt_q_d.qV_Quadrature + 0x8000);
VqFiltered = (u16)(((s32)(((s32)VqFiltered<<8) - (s32)VqFiltered) +
(s32)(VqFiltered_prec))>>8);
if(VqFiltered>VqFiltered_max) VqFiltered_max=VqFiltered;
else if(VqFiltered<VqFiltered_min) VqFiltered_min=VqFiltered;
VqFiltered_mean=(u16)((VqFiltered_max+VqFiltered_min)>>1);
where:
●
Theta=Theta+Delta_Theta;//
is (Grid angle estimation: Theta changes value
linearly each switching period between -32768 to 32768).
The anti-islanding protection is based on grid voltage and frequency monitoring. The “Vq”
DC-component, used for the first, is made up of an offset value (32768) plus a DC-value
function of the AC Vrms value (for example Vac=265 Vrms -> Vq=39080 or Vac=186 V ->
Vq=37150).
//265V max & 186V min
if((VqFiltered_mean>=39080 || VqFiltered_mean<=37150) &&
State_Control==GRID_INSERTION && MPPT_EN==TRUE && zero_detect>5 &&
Vacprot==TRUE)
{
GPIO_ResetBits(GPIOA, GPIO_Pin_1);
State_Control = STOP_WITH_DELAY;
Diagnostic_Control=GRID_VOLTAGE_OUT_OF_RANGE;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com