Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1561 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1561
Description  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1561 Datasheet HTML 19Page - STMicroelectronics UM1561 Datasheet HTML 20Page - STMicroelectronics UM1561 Datasheet HTML 21Page - STMicroelectronics UM1561 Datasheet HTML 22Page - STMicroelectronics UM1561 Datasheet HTML 23Page - STMicroelectronics UM1561 Datasheet HTML 24Page - STMicroelectronics UM1561 Datasheet HTML 25Page - STMicroelectronics UM1561 Datasheet HTML 26Page - STMicroelectronics UM1561 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
UM1561
Implementation of digital phase locked loop
Doc ID 023556 Rev 1
23/39
8
Implementation of digital phase locked loop
DQ_PhaseLockedLoop.c:
The .c file defines the DQ PLL implementation for a single-phase inverter. It is used for the
closed loop control in order to estimate the grid angle and to detect the grid voltage before
injecting current.
#include "stm32f10x_lib.h"
#include "Solar_Mul_Div.h"
#include "250WControl.h"
#define STEPS
512
/*number of entries of the sine look up table*/
#define OFFSET
64
/* Offset for cos(Theta)=sin_cos_Table[index_sin+offset]*/
#define INDUCTANCE_VALUE
65
//1117----- 34mH in q1.15= 34*10-3*2-15/
#define SAMPLES
256
#define SAMPLING_TIME
(s16)((4096)-1)
SystStatus_t Freq_Control= FREQ_OUT_OF_RANGE;
SystStatus_t GDVoltage = GRID_VOLTAGE_OUT_OF_RANGE;
where:
512: is (Number of entries of the sine look-up table).
The following code shows the look-up table with 512 elements in hexadecimal format.
//*********************** 512 elements *********************************
const s16 Sin_Cos_Table[STEPS] = {
//tabella USATA x IL VECTOR
0x0000, 0xFE6E, 0xFCDC, 0xFB4A, 0xF9B9, 0xF827, 0xF696, 0xF505, 0xF375,
0xF1E5, 0xF055, 0xEEC7, 0xED38, 0xEBAB, 0xEA1E, 0xE893,
0xE708, 0xE57E, 0xE3F5, 0xE26D, 0xE0E7, 0xDF61, 0xDDDD, 0xDC5A, 0xDAD8,
0xD958, 0xD7DA, 0xD65D, 0xD4E1, 0xD368, 0xD1EF, 0xD079,
0xCF05, 0xCD92, 0xCC22, 0xCAB3, 0xC946, 0xC7DC, 0xC674, 0xC50E, 0xC3AA,
0xC248, 0xC0E9, 0xBF8D, 0xBE32, 0xBCDB, 0xBB86, 0xBA33,
0xB8E4, 0xB797, 0xB64C, 0xB505, 0xB3C1, 0xB27F, 0xB141, 0xB005, 0xAECD,
0xAD97, 0xAC65, 0xAB36, 0xAA0B, 0xA8E3, 0xA7BE, 0xA69C,
0xA57E, 0xA463, 0xA34C, 0xA239, 0xA129, 0xA01D, 0x9F14, 0x9E0F, 0x9D0E,
0x9C11, 0x9B18, 0x9A23, 0x9931, 0x9843, 0x975A, 0x9674,
0x9593, 0x94B6, 0x93DC, 0x9307, 0x9236, 0x916A, 0x90A1, 0x8FDD, 0x8F1E,
0x8E62, 0x8DAB, 0x8CF9, 0x8C4B, 0x8BA1, 0x8AFC, 0x8A5B,
0x89BF, 0x8927, 0x8894, 0x8806, 0x877C, 0x86F7, 0x8676, 0x85FB, 0x8583,
0x8511, 0x84A3, 0x843B, 0x83D7, 0x8377, 0x831D, 0x82C7,
0x8276, 0x822A, 0x81E3, 0x81A1, 0x8163, 0x812B, 0x80F7, 0x80C8, 0x809E,
0x8079, 0x8059, 0x803E, 0x8028, 0x8017, 0x800A, 0x8003,
0x8000, 0x8003, 0x800A, 0x8017, 0x8028, 0x803E, 0x8059, 0x8079, 0x809E,
0x80C8, 0x80F7, 0x812B, 0x8163, 0x81A1, 0x81E3, 0x822A,
0x8276, 0x82C7, 0x831D, 0x8377, 0x83D7, 0x843B, 0x84A3, 0x8511, 0x8583,
0x85FB, 0x8676, 0x86F7, 0x877C, 0x8806, 0x8894, 0x8927,
0x89BF, 0x8A5B, 0x8AFC, 0x8BA1, 0x8C4B, 0x8CF9, 0x8DAB, 0x8E62, 0x8F1E,
0x8FDD, 0x90A1, 0x916A, 0x9236, 0x9307, 0x93DC, 0x94B6,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com