Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1561 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1561
Description  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1561 Datasheet HTML 24Page - STMicroelectronics UM1561 Datasheet HTML 25Page - STMicroelectronics UM1561 Datasheet HTML 26Page - STMicroelectronics UM1561 Datasheet HTML 27Page - STMicroelectronics UM1561 Datasheet HTML 28Page - STMicroelectronics UM1561 Datasheet HTML 29Page - STMicroelectronics UM1561 Datasheet HTML 30Page - STMicroelectronics UM1561 Datasheet HTML 31Page - STMicroelectronics UM1561 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Digital closed loop control and diagnostic functions implemented
UM1561
28/39
Doc ID 023556 Rev 1
GPIO_InitStructure.GPIO_Pin
= GPIO_Pin_1;
GPIO_InitStructure.GPIO_Mode
= GPIO_Mode_Out_PP;
GPIO_InitStructure.GPIO_Speed = GPIO_Speed_50MHz;
GPIO_Init(GPIOA, &GPIO_InitStructure);
PID_Init_Integral_Part();
PID_Init(&Direct_Current_PID, &Quadrature_Current_PID,
&Reactive_Power_PID,&Active_Power_PID,&BUS_Voltage_PID,&DQ_PLL_PID,
&MPPT_PID);
//Get Control Parameters address
GetControlParametersAddress((PControlParam_t)&CtrlParam);
//Get Data Parameters address
GetDataParametersAddress((PPhotov_t)&Data);
}
where:
●
InitStructure.DutyCycle = DCDC_DUTYCYCLE;
is (DC-DC data structure)
●
DCAC_InitStructure.Counter = DCAC_COUNTER;
is (DC-AC data structure)
●
DS_InitStructure.Counter = DCAC_COUNTER;
is (Sensing data structure).
The StartControl() function defines the init configuration for all PID regulators. It contains
also the start commands for the power section.
void StartControl()
{
PID_Init_Integral_Part();
PID_Init(&Direct_Current_PID, &Quadrature_Current_PID,
&Reactive_Power_PID,&Active_Power_PID,&BUS_Voltage_PID,&DQ_PLL_PID,
&MPPT_PID);
BusOverVoltage = FALSE;
GridOutage = FALSE;
Fault = FAULT_NONE;
StoppingCount = TIME_OUT_STOPPING;
State_Control= DIAGNOSTIC_AC_LINE;
(DCAC_Start);
DS_SendCommand(DS_Start);
if (ControlMode == OpenLoop)
DCDC_SendCommand(DCDC_ConverterStart);
DAC_Start();
}
where:
●
PID_Init(&Direct_Current_PID;
is (Init the PID regulator)
●
DS_SendCommand(DS_Start);
is (All power sections started).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com