Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1561 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM1561
Description  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM1561 Datasheet HTML 31Page - STMicroelectronics UM1561 Datasheet HTML 32Page - STMicroelectronics UM1561 Datasheet HTML 33Page - STMicroelectronics UM1561 Datasheet HTML 34Page - STMicroelectronics UM1561 Datasheet HTML 35Page - STMicroelectronics UM1561 Datasheet HTML 36Page - STMicroelectronics UM1561 Datasheet HTML 37Page - STMicroelectronics UM1561 Datasheet HTML 38Page - STMicroelectronics UM1561 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Input/output protection
UM1561
36/39
Doc ID 023556 Rev 1
11
Input/output protection
The power board is also controlled by the microcontroller for the input/output protection.
During normal operation it is possible that the cables (input or output side) are accidentally
disconnected from the panel or from the grid. In this case, overcurrent or overvoltage may
appear at the power stage. To avoid damaging the electronic parts, a procedure is
implemented in the 250WControl.c file, as follows:
if (BusFiltered > 13000)
{
Fault = BUS_OVERVOLTAGE;
GPIO_ResetBits(GPIOA, GPIO_Pin_1);
State_Control = STOP_WITH_DELAY;
Diagnostic_Control=BUS_OVERVOLTAGE;
}
if (BusFiltered < 9880 && MPPT_EN==TRUE)
{
Fault = BUS_UNDERVOLTAGE;
GPIO_ResetBits(GPIOA, GPIO_Pin_1);
State_Control = STOP_WITH_DELAY;
Diagnostic_Control=BUS_UNDERVOLTAGE;
}
where:
●
Fault = BUS_OVERVOLTAGE;
is (Bus overvoltage detected)
●
Fault = BUS_UNDERVOLTAGE;
is (Bus undervoltage detected).
if((qIalpha_Inverter > 19667 || qIalpha_Inverter <-19667) &&
State_Control==GRID_INSERTION && MPPT_EN==TRUE) //1.6 max output peak
current
{
Fault = OUT_CURRENT_LIMIT;
GPIO_ResetBits(GPIOA, GPIO_Pin_1);
State_Control = STOP_WITH_DELAY;
Diagnostic_Control=OUT_CURRENT_LIMIT;
}
where:
●
GPIO_ResetBits(GPIOA, GPIO_Pin_1);
is (AC line overcurrent detected)
●
State_Control = STOP_WITH_DELAY;
is (PV_module Vmin detected).
if(PV_Voltage<=11000 && State_Control==GRID_INSERTION) //22V min
{
GPIO_ResetBits(GPIOA, GPIO_Pin_1);
State_Control = STOP_WITH_DELAY;
Diagnostic_Control=PV_VOLTAGE_MIN;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com