Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750004A Datasheet(PDF) 3 Page - NEC

Part # UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004A Datasheet(HTML) 3 Page - NEC

  UPD750004A Datasheet HTML 1Page - NEC UPD750004A Datasheet HTML 2Page - NEC UPD750004A Datasheet HTML 3Page - NEC UPD750004A Datasheet HTML 4Page - NEC UPD750004A Datasheet HTML 5Page - NEC UPD750004A Datasheet HTML 6Page - NEC UPD750004A Datasheet HTML 7Page - NEC UPD750004A Datasheet HTML 8Page - NEC UPD750004A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
3
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
ROM
RAM
FUNCTIONS
CMOS input
CMOS I/O
N-ch open
drain I/O
Total
8
18
8
34
Can incorporate 7 pull-up resistors that are specified with the software.
Can directly drive the LED.
Can incorporate 18 pull-up resistors that are specified with the software.
Can directly drive the LED.
Can withstand 13 V.
Can incorporate pull-up resistors that are specified with the mask option.
Serial interface
Clock output (PCL)
Buzzer output (BUZ)
Vectored interrupt
Test input
System clock oscillator
Standby
Operating ambient
temperature range
Supply voltage
Package
Item
Command execution
time
Internal memory
General-purpose
register
I/O port
Timer
Bit sequential buffer (BSB)
4 channels
• 8-bit timer/event counter: 1 channel
• 8-bit timer counter: 1 channel
• Basic interval timer/watchdog timer: 1 channel
• lock timer: 1 channel
• Three-wire serial I/O mode ... switchable between the start LSB and the start MSB
• Two-wire serial I/O mode
• SBI mode
16 bits
•
Φ, 524 kHz, 262 kHz, 65.5 kHz (when the main system clock operates at 4.19 MHz)
•
Φ, 750 kHz, 375 kHz, 93.8 kHz (when the main system clock operates at 6.0 MHz)
• 2 kHz, 4 kHz, 32 kHz (when the main system clock operates at 4.19 MHz or when the
subsystem clock operates at 32.768 kHz)
• 2.93 kHz, 5.86 kHz, 46.9 kHz (when the main system clock operates at 6.0 MHz)
External :
3
Internal :
4
External :
1
Internal :
1
• Ceramic or crystal oscillator for main system clock
• Crystal oscillator for subsystem clock
STOP/HALT mode
TA = -40 to +85
°C
VDD = 2.2 to 5.5 V
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Function
• 0.95, 1.91, 3.81, 15.3
µs (when the main system clock operates at 4.19 MHz)
• 0.67, 1.33, 2.67, 10.7
µs (when the main system clock operates at 6.0 MHz)
• 122
µs (when the subsystem clock operates at 32.768 kHz)
4096
× 8 bits (
µPD750004)
6144
× 8 bits (
µPD750006)
8192
× 8 bits (
µPD750008)
512
× 4 bits
• When operating in 4 bits: 8
× 4 banks
• When operating in 8 bits: 4
× 4 banks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com