Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750004A Datasheet(PDF) 75 Page - NEC

Part # UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004A Datasheet(HTML) 75 Page - NEC

Back Button UPD750004A Datasheet HTML 71Page - NEC UPD750004A Datasheet HTML 72Page - NEC UPD750004A Datasheet HTML 73Page - NEC UPD750004A Datasheet HTML 74Page - NEC UPD750004A Datasheet HTML 75Page - NEC UPD750004A Datasheet HTML 76Page - NEC UPD750004A Datasheet HTML 77Page - NEC UPD750004A Datasheet HTML 78Page - NEC UPD750004A Datasheet HTML 79Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
75
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
Item
Serial interface
Feedback resistor cut flag
(SOS.0)
Sub-oscillator current cut flag
(SOS.1)
Register bank selection register
(RBS)
Standby release with INT0
Number of vectored interrupts
Processor clock control register
Power supply
Operating ambient temperature
Package
µPD75008
µPD750008
µPD75P0016
3 modes are supported.
• Three-wire serial I/O mode: First transferred bit switchable between the LSB and
MSB
• Two-wire serial I/O mode
• SBI mode
(2/2)
Can incorporate feedback
resistors that are specified
with the mask option.
Not provided
Not provided
Disable
External: 3, internal: 3
Available when PCC is 0,
2, or 3
VDD = 2.7 to 6.0 V
Incorporated
Incorporated
Provided
Enable
External: 3, internal: 4
Available when PCC is 0 to 3
VDD = 2.2 to 5.5 V
TA = -40 to +85
°C
• 42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
• 44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com