Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750004A Datasheet(PDF) 73 Page - NEC

Part # UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004A Datasheet(HTML) 73 Page - NEC

Back Button UPD750004A Datasheet HTML 69Page - NEC UPD750004A Datasheet HTML 70Page - NEC UPD750004A Datasheet HTML 71Page - NEC UPD750004A Datasheet HTML 72Page - NEC UPD750004A Datasheet HTML 73Page - NEC UPD750004A Datasheet HTML 74Page - NEC UPD750004A Datasheet HTML 75Page - NEC UPD750004A Datasheet HTML 76Page - NEC UPD750004A Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
73
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
15. RECOMMENDED SOLDERING CONDITIONS
The
µPD750004, µPD750006, and µPD750008 should be soldered and mounted under the conditions recom-
mended in the table below.
For detail of recommended soldering conditions, refer to the information document
SMD Surface Mount Technology
Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact our sales personnel.
Table 15-1
Surface Mounting Type Soldering Conditions
µPD750004GB-×××-3BS-MTX
: 44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
µPD750006GB-×××-3BS-MTX
: 44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
µPD750008GB-×××-3BS-MTX
: 44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
µPD750004GB(A)-×××-3BS-MTX : 44-pin plastic QFP (10 × 10 mm, 0.8 mm pitch)
µPD750006GB(A)-×××-3BS-MTX : 44-pin plastic QFP (10 × 10 mm, 0.8 mm pitch)
µPD750008GB(A)-×××-3BS-MTX : 44-pin plastic QFP (10 × 10 mm, 0.8 mm pitch)
Caution Use of more than one soldering method should be avoided (except for partial heating method).
Table 15-2
Insertion Type Soldering Conditions
µPD750004CU-×××
: 42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
µPD750006CU-×××
: 42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
µPD750008CU-×××
: 42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
µPD750004CU(A)-××× : 42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
µPD750006CU(A)-××× : 42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
µPD750008CU(A)-××× : 42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Package peak temperature: 235
°C
Duration: 30 seconds max. (at 210
°C or above)
Maximum allowable number of reflow processes: 3
Package peak temperature: 215
°C
Duration: 40 seconds max. (at 200
°C or above)
Maximum allowable number of reflow processes: 3
Solder bath temperature: 260
°C max.
Duration: 10 seconds max.
Number of times: 1
Preliminary heat temperature: 120
°C max. (package surface temperature)
Terminal temperature: 300
°C max.
Duration: 3 seconds max. (per device side)
IR35-00-3
VP15-00-3
WS60-00-1
-
Infrared reflow
VPS
Wave
soldering
Partial heating
method
Soldering
method
Soldering conditions
Soldering method
Soldering conditions
Wave soldering (terminal only)
Partial heating method
Solder bath temperature: 260
°C max., Duration: 10 seconds max.
Terminal temperature: 300
°C max., Duration: 3 seconds max. (for each pin)
Caution Apply wave soldering to terminals only. See to it that the jet solder does not contact with the chip
directly.
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com