Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750004A Datasheet(PDF) 9 Page - NEC

Part # UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004A Datasheet(HTML) 9 Page - NEC

Back Button UPD750004A Datasheet HTML 5Page - NEC UPD750004A Datasheet HTML 6Page - NEC UPD750004A Datasheet HTML 7Page - NEC UPD750004A Datasheet HTML 8Page - NEC UPD750004A Datasheet HTML 9Page - NEC UPD750004A Datasheet HTML 10Page - NEC UPD750004A Datasheet HTML 11Page - NEC UPD750004A Datasheet HTML 12Page - NEC UPD750004A Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
9
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
3. PIN FUNCTIONS
3.1
PORT PINS
Notes 1. The circle (
) indicates the Schmitt trigger input.
2. When pull-up resistors that can be specified with the mask option are not incorporated (when pins are used
as N-ch open-drain input ports), the input leak low current increases when an input instruction or bit
operation instruction is executed.
I/O circuit
typeNote 1
-A
-B
-C
-C
E-B
E-B
M-D
M-D
-A
-A
E-B
When reset
Input
Input
Input
Input
High level (when
pull-up resistors
are provided) or
high impedance
High level (when
pull-up resistors
are provided) or
high impedance
Input
Input
Input
8-bit
I/O
×
×
×
×
×
Function
4-bit input port (PORT0).
For P01 - P03, built-in pull-up resistors
can be connected by software in units
of 3 bits.
4-bit input port (PORT1).
Built-in pull-up resistors can be
connected by software in units of 4 bits.
A noise eliminator can be selected only
when the P10/INT0 pin is used.
4-bit I/O port (PORT2).
Built-in pull-up resistors can be
connected by software in units of 4 bits.
Programmable 4-bit I/O port (PORT3).
I/O can be specified bit by bit. Built-in
pull-up resistors can be connected by
software in units of 4 bits.
N-ch open-drain 4-bit I/O port (PORT4).
A pull-up resistor can be provided bit by
bit (mask option). Withstand voltage is
13 V in open-drain mode.
N-ch open-drain 4-bit I/O port (PORT5).
A pull-up resistor can be provided bit by
bit (mask option). Withstand voltage is
13 V in open-drain mode.
Programmable 4-bit I/O port (PORT6).
I/O can be specified bit by bit. Built-in
pull-up resistors can be connected by
software in units of 4 bits.
4-bit I/O port (PORT7).
Built-in pull-up resistors can be
connected by software in units of 4 bits.
2-bit I/O port (PORT8).
Built-in pull-up resistors can be
connected by software in units of 2
bits.
B
F
F
M
B
Pin name
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30 - P33
P40 - P43Notes 2
P50 - P53Notes 2
P60
P61
P62
P63
P70
P71
P72
P73
P80
P81
Input/
output
Input
I/O
I/O
I/O
Input
I/O
I/O
I/O
I/O
I/O
I/O
I/O
F
F
Shared
pin
INT4
SCK
SO/SB0
SI/SB1
INT0
INT1
INT2
TI0
PTO0
PTO1
PCL
BUZ
-
-
-
KR0
KR1
KR2
KR3
KR4
KR5
KR6
KR7
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com