Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD750004A Datasheet(PDF) 8 Page - NEC

Part # UPD750004A
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004A Datasheet(HTML) 8 Page - NEC

Back Button UPD750004A Datasheet HTML 4Page - NEC UPD750004A Datasheet HTML 5Page - NEC UPD750004A Datasheet HTML 6Page - NEC UPD750004A Datasheet HTML 7Page - NEC UPD750004A Datasheet HTML 8Page - NEC UPD750004A Datasheet HTML 9Page - NEC UPD750004A Datasheet HTML 10Page - NEC UPD750004A Datasheet HTML 11Page - NEC UPD750004A Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
8
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
2. BLOCK DIAGRAM
Note The ROM capacity depends on the product.
BIT SEQ.
BUFFER (16)
PORT 0
P00 - P03
4
PORT 1
PORT 2
4
PORT 3
P30 - P33
4
PORT 4
P40 - P43
4
PORT 5
P50 - P53
4
PORT 6
P60 - P63
4
VSS
VDD
RESET
IC
CPU CLOCK
Φ
STAND BY
CONTROL
X2
X1
XT2
XT1
SYSTEM CLOCK
GENERATOR
MAIN
SUB
CLOCK
DIVIDER
CLOCK
OUTPUT
CONTROL
fx/2N
PCL/P22
GENERAL
REGISTER
DATA
MEMORY
(RAM)
512
× 4 BITS
BANK
SBS
SP (8)
CY
ALU
PROGRAM
COUNTER
PROGRAM
MEMORYNote
(ROM)
DECODE
AND
CONTROL
BASIC INTERVAL
TIMER/
WATCHDOG
TIMER
TI0/P13
INTBT
8-BIT
TIMER/EVENT
COUNTER #0
PTO0/P20
INTT0
TOUT0
8-BIT TIMER
COUNTER #1
INTT1
TOUT0
CLOCKED
SERIAL
INTERFACE
SI/SB1/P03
INTERRUPT
CONTROL
INT0/P10
SO/SB0/P02
SCK/P01
INT1/P11
INT2/P12
INT4/P00
KR0/P60-
KR7/P73
WATCH
TIMER
8
PORT 7
P70 - P73
4
PORT 8
P80, P81
2
P10 - P13
4
P20 - P23
PTO1/P21
INTCSI
INTW
BUZ/P23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com