Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002AM Datasheet(PDF) 11 Page - Linear Technology

Part # LT1002AM
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002AM Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1002AM Datasheet HTML 7Page - Linear Technology LT1002AM Datasheet HTML 8Page - Linear Technology LT1002AM Datasheet HTML 9Page - Linear Technology LT1002AM Datasheet HTML 10Page - Linear Technology LT1002AM Datasheet HTML 11Page - Linear Technology LT1002AM Datasheet HTML 12Page - Linear Technology LT1002AM Datasheet HTML 13Page - Linear Technology LT1002AM Datasheet HTML 14Page - Linear Technology LT1002AM Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1002
APPLICATIONS INFORMATION
Precision
±10V Reference
3
LM129A
4
10
11
13
14
0.1%
1k
12
6
7
5
1002 TA08
10k
1%
3.3k
0.1%
10k
–
+
OUT 2
–10.000V
–15V
+15V
OUT 1
10.000V
1
/2 LT1002
–
+
1
/2 LT1002
130k
5%
8.2k
1%
1%
3.3k
When the upper or lower limit is exceeded the LED lights
up. Positive feedback to one of the nulling terminals
creates 5 to 20
µV of hysteresis on both amplifiers. This
feedback changes the offset voltage of the LT1002 by less
than 5
µV. Therefore, the basic accuracy of the comparator
is limited only by the low offset voltage of the LT1002.
Dual Limit Microvolt Comparator
4
10
3
11
13
12
5
1
14
6
8
7
UPPER
LIMIT
INPUT
LOWER
LIMIT
1002 TA09
430k
1%
20k
5%
–15V
–15V
+15V
FLV117
39.2
Ω
1%
15k
1%
39.2
Ω
1%
15k
1%
1k
5%
–
+
–
+
1/2 LT1002
1/4 CA3118
1/4 CA3118
1/2 LT1002
1
/4 CA3118
1
/4 CA3118
430k
1%
The LT1002 contributes less than 5% of the total drift with
temperature, noise and long term drift of the reference.
The accuracy of the –10V output is limited by the matching
of the two 10k resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com