Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002AM Datasheet(PDF) 12 Page - Linear Technology

Part # LT1002AM
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002AM Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1002AM Datasheet HTML 8Page - Linear Technology LT1002AM Datasheet HTML 9Page - Linear Technology LT1002AM Datasheet HTML 10Page - Linear Technology LT1002AM Datasheet HTML 11Page - Linear Technology LT1002AM Datasheet HTML 12Page - Linear Technology LT1002AM Datasheet HTML 13Page - Linear Technology LT1002AM Datasheet HTML 14Page - Linear Technology LT1002AM Datasheet HTML 15Page - Linear Technology LT1002AM Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1002
Two Op Amp Instrumentation Amplifier
+
–
1002 TA10
R3
10k
100k*
R1
10k
R2
100k
R4
–
+
OUTPUT
* TRIM FOR COMMON-MODE REJECTION
+ TRIM FOR GAIN
Gain =
1 +
+
+
≈ 100
INPUTS
1/2 LT1002
–
+
1/2 LT1002
2.2k+
R5
R4
R3
R2 + R3
R5
R3
R4
R2
R1
1
2
()
Precision Amplifier Drives 500
Ω Load to ±10V
This application utilizes the guaranteed 10mA load driving
capability of the LT1002. The offset voltage of amplifier A
is the offset of the configuration. Amplifier B provides the
additional 10mA load current. When load resistor RL is
removed, amplifier A sinks this current without affecting
accuracy. In the gain of 1000 configuration shown, ap-
proximately 0.3% gain accuracy can be realized.
+15
–15V
+15V
–15V
1002 TA11
100k
INPUT
OUTPUT
110k
1.1Rf + 0.1RS
100
Ω
100
Ω
RS
0.2RL
Rf
500
Ω
RL
100
Ω
RS
–
+
B
1/2 LT1002
–
+
A
1/2 LT1002
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com