Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002AM Datasheet(PDF) 3 Page - Linear Technology

Part # LT1002AM
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002AM Datasheet(HTML) 3 Page - Linear Technology

  LT1002AM Datasheet HTML 1Page - Linear Technology LT1002AM Datasheet HTML 2Page - Linear Technology LT1002AM Datasheet HTML 3Page - Linear Technology LT1002AM Datasheet HTML 4Page - Linear Technology LT1002AM Datasheet HTML 5Page - Linear Technology LT1002AM Datasheet HTML 6Page - Linear Technology LT1002AM Datasheet HTML 7Page - Linear Technology LT1002AM Datasheet HTML 8Page - Linear Technology LT1002AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1002
ELECTRICAL CHARACTERISTICS, I DIVIDUAL A PLIFIERS
VS = ±15V, –55°C ≤ TA ≤ 125°C, unless otherwise noted
LT1002AM
LT1002M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Note 1
q
30
150
45
230
µV
∆VOS
Average Input Offset Voltage Drift
q
0.2
0.9
0.3
1.3
µV/°C
∆Temp
IOS
Input Offset Current
q
0.8
5.6
1.2
8.5
nA
IB
Input Bias Current
q
±1.0
±6.0
±1.5
±9.0
nA
AVOL
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±10V
q
300
700
200
700
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13V
q
106
122
104
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±18V
q
102
117
96
117
dB
Input Voltage Range
q
±13
±14
±13
±14
V
VOUT
Output Voltage Swing
RL ≥ 2kΩ
q
±12.5 ±13.5
±12.0 ±13.5
V
Pd
Power Dissipation
No load
q
55
90
60
100
mW
per amplifier
LT1002AC
LT1002C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Note 1
q
20
100
30
160
µV
∆VOS
Average Input Offset Voltage Drift
q
0.2
0.9
0.3
1.3
µV/°C
∆Temp
IOS
Input Offset Current
q
0.5
4.2
0.6
5.7
nA
IB
Input Bias Current
q
±0.7
±4.5
±1.0
±6.0
nA
AVOL
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±10V
q
350
750
250
750
V/mV
CMRR
Common Mode Rejection Ratio
VCM = ±13V
q
108
124
106
123
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±18V
q
105
120
100
120
dB
Input Voltage Range
q
±13
±14
±13
±14
V
VOUT
Output Voltage Swing
RL ≥ 2kΩ
q
±12.5 ±13.8
±12.5 ±13.8
V
Pd
Power Dissipation
No Load
q
50
85
55
90
mW
per amplifier
VS = ±15V, 0°C ≤ TA ≤ 70°C, unless otherwise noted
The q denotes the specifications which apply over the full operating
temperature range.
For MIL-STD components, please refer to LTC 883C data sheet for test
listing and parameters.
Note 1: Offset voltage measured with high speed test equipment,
approximately 1second after power is applied.
Note 2: This parameter is tested on a sample basis only.
Note 3: Long Term Input Offset Voltage Stability refers to the averaged
trend line of VOS versus Time over extended periods after the first 30 days
of operation. Excluding the initial hour of operation, changes in VOS during
the first 30 operating days are typically 2.5
µV.
Note 4: Parameter is guaranteed by design.
Note 5: 10Hz noise voltage density is sample tested on every lot.
Devices 100% tested at 10Hz are available on request.
Note 6: The V + supply terminals are completely independent and may be
powered by separate supplies if desired (this approach, however, would
sacrifice the advantages of the power supply rejection ratio matching). The
V – supply terminals are both connected to the common substrate and
must be tied to the same voltage. Both V – pins should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com