Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002AM Datasheet(PDF) 2 Page - Linear Technology

Part # LT1002AM
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002AM Datasheet(HTML) 2 Page - Linear Technology

  LT1002AM Datasheet HTML 1Page - Linear Technology LT1002AM Datasheet HTML 2Page - Linear Technology LT1002AM Datasheet HTML 3Page - Linear Technology LT1002AM Datasheet HTML 4Page - Linear Technology LT1002AM Datasheet HTML 5Page - Linear Technology LT1002AM Datasheet HTML 6Page - Linear Technology LT1002AM Datasheet HTML 7Page - Linear Technology LT1002AM Datasheet HTML 8Page - Linear Technology LT1002AM Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1002
LT1002AM/LT1002AC
LT1002M/LT1002C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Note 1
20
60
25
100
µV
∆VOS
Long Term Input Offset Voltage
∆Time
Stability
Notes 2 and 3
0.3
1.5
0.4
2.0
µV/month
IOS
Input Offset Current
0.3
2.8
0.4
4.2
nA
IB
Input Bias Current
±0.6
±3.0
±0.7
±4.5
nA
en
Input Noise Voltage
0.1Hz to 10Hz (Note 2)
0.35
0.7
0.38
0.75
µVp-p
en
Input Noise Voltage Density
fO = 10Hz (Note 5)
10.3
20.0
10.5
20.0
fO = 1000Hz (Note 2)
9.6
11.5
9.8
12.0
nV
√Hz
AVOL
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±12V
400
800
350
800
V/mV
RL ≥ 1kΩ, VO = ±10V
250
500
220
500
CMRR
Common Mode Rejection Ratio
VCM = ±13V
110
126
110
126
dB
PSRR
Power Supply Rejection Ratio
VS = ±3V to ±18V
108
123
105
123
dB
Rin
Input Resistance Differential Mode
Note 4
20
100
13
80
M
Ω
Input Voltage Range
±13
±14
±13
±14
V
VOUT
Maximum Output Voltage Swing
RL ≥ 2kΩ±13
±14
±13
±14
V
RL ≥ 1kΩ±12
±13.5
±12
±13.5
SR
Slew Rate
RL ≥ 2kΩ (Note 4)
0.1
0.25
0.1
0.25
V/
µs
GBW
Gain Bandwidth Product
Note 4
0.4
0.8
0.4
0.8
MHz
Pd
Power Dissipation
No load
46
75
48
85
mW
per amplifier
No load, VS = ±3V
4
7
4
8
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Note 6).........................................
±22V
Differential Input Voltage ......................................
±30V
Input Voltage Equal to Supply Voltage
Output Short Circuit Duration ......................... Indefinite
Operating Temperature Range
LT1002AM/LT1002M ....................... – 55
°C to 125°C
LT1002AC/LT1002C ............................... 0
°C to 70°C
Storage Temperature Range
All Grades ......................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
PACKAGE/ORDER INFORMATION
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14 PIN HERMETIC
N PACKAGE
14 PIN PLASTIC
14
13
12
11
10
9
8
NULL (A)
NULL (A)
–IN (A)
+IN (A)
V– (B)
OUT (B)
V+ (B)
V+ (A)
OUT (A)
V– (A)
+IN (B)
–IN (B)
NULL (B)
NULL (B)
–
–
+
+
A
B
LT1002AMJ
LT1002MJ
LT1002ACJ
LT1002CJ
LT1002ACN
LT1002CN
OFFSET
VOLTAGE
MAX
at 25
°C
ORDER
PART NO.
60
µV
100
µV
60
µV
100
µV
60
µV
100
µV
NOTE: Device may be operated even if insertion
is reversed; this is due to inherent symmetry of
pin locations of amplifiers A and B. (Note 6)
ELECTRICAL CHARACTERISTICS, I DIVIDUAL A PLIFIERS
VS = ±15V, TA = 25°C, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com