Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1002AM Datasheet(PDF) 14 Page - Linear Technology

Part # LT1002AM
Description  Dual, Matched Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1002AM Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1002AM Datasheet HTML 8Page - Linear Technology LT1002AM Datasheet HTML 9Page - Linear Technology LT1002AM Datasheet HTML 10Page - Linear Technology LT1002AM Datasheet HTML 11Page - Linear Technology LT1002AM Datasheet HTML 12Page - Linear Technology LT1002AM Datasheet HTML 13Page - Linear Technology LT1002AM Datasheet HTML 14Page - Linear Technology LT1002AM Datasheet HTML 15Page - Linear Technology LT1002AM Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1002
Dual Precision Power Supply
(1) 0 to 10V in 100
µV Steps
(2) 0 to 100V in 1mV Steps
+
+
+
+15V
–15V
+15
25k
LM399
KVD
00000 –
99999 + 1
KELVIN-VARLEY
DIVIDER
ESI#DP311
–
+
3
100
Ω
13
IN914
2N2219
2k
22k*
43k*
(select)
+15
100
Ω 5W
8.2k
4
10
4
0.1
2.2
22
µf
2N6533
2N2907
1002 TA14
+15
1.8k
+15V
5k
90k*
10k* (select)
TRIM–100V
100
Ω
15
Ω
DIODES =
SEMTECH #
FF-15
OUTPUT
2
0-100V, 25mA
OUTPUT 1
0-10V
25mA
6
IN914
2k
IN914
11
–
+
–
–
+
2
6
VN-46
TRIAD TY-90
VN-46
33k
33k
74C74
33k
680pF
KVD= ESI#DP311
*= JULIE RSCH. LABS
#R-44
3
LT301A
D
CLK
Q
Q
CLAMP SET
1/2 LT1002
1/2 LT1002
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com