Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1210CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1210CS Datasheet HTML 5Page - Linear Technology LT1210CS Datasheet HTML 6Page - Linear Technology LT1210CS Datasheet HTML 7Page - Linear Technology LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology LT1210CS Datasheet HTML 10Page - Linear Technology LT1210CS Datasheet HTML 11Page - Linear Technology LT1210CS Datasheet HTML 12Page - Linear Technology LT1210CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1210
S
APPLICATI
I FOR ATIO
Figure 2. Shutdown Interface
–
+
LT1210
SD
15V
–15V
RF
RG
VIN
5V
24k
ENABLE
VOUT
1210 F02
15V
74C906
up the turn-off time and ensures that the LT1210 is
completely turned off. Because the pin is referenced to
the positive supply, the logic used should have a break-
down voltage of greater than the positive supply voltage.
No other circuitry is necessary as the internal circuit
limits the Shutdown pin current to about 500
µA. Figure
3 shows the resulting waveforms.
Figure 3. Shutdown Operation
AV = 1
RF = 825Ω
RL = 50Ω
RPULL-UP = 24k
VIN = 1VP-P
VS = ±15V
1210 F03
For applications where the full bandwidth of the amplifier
is not required, the quiescent current of the device may be
reduced by connecting a resistor from the Shutdown pin
to ground. The quiescent current will be approximately 65
times the current in the Shutdown pin. The voltage across
the resistor in this condition is V+ – 3VBE. For example, a
82k resistor will set the quiescent supply current to 9mA
with VS = ±15V.
The photos in Figures 4a and 4b show the effect of
reducing the quiescent supply current on the large-signal
response. The quiescent current can be reduced to 9mA in
the inverting configuration without much change in re-
sponse. In noninverting mode, however, the slew rate is
reduced as the quiescent current is reduced.
1210 F04a
RF = 750Ω
RL = 10Ω
IQ = 9mA, 18mA, 36mA
VS = ±15V
Figure 4b. Large-Signal Response vs IQ, AV = 2
RF = 750Ω
RL = 10Ω
Figure 4a. Large-Signal Response vs IQ, AV = –1
1210 F04b
IQ = 9mA, 18mA, 36mA
VS = ±15V
Slew Rate
Unlike a traditional op amp, the slew rate of a current
feedback amplifier is not independent of the amplifier gain
configuration. There are slew rate limitations in both the
input stage and the output stage. In the inverting mode,
and for higher gains in the noninverting mode, the signal
amplitude on the input pins is small and the overall slew
rate is that of the output stage. The input stage slew rate
is related to the quiescent current and will be reduced as
the supply current is reduced. The output slew rate is set
by the value of the feedback resistors and the internal
capacitance. Larger feedback resistors will reduce the
slew rate as will lower supply voltages, similar to the way



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com