Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1210CS Datasheet(PDF) 7 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1210CS Datasheet HTML 3Page - Linear Technology LT1210CS Datasheet HTML 4Page - Linear Technology LT1210CS Datasheet HTML 5Page - Linear Technology LT1210CS Datasheet HTML 6Page - Linear Technology LT1210CS Datasheet HTML 7Page - Linear Technology LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology LT1210CS Datasheet HTML 10Page - Linear Technology LT1210CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1210
FREQUENCY (Hz)
100
10
1
0.1
0.01
100k
10M
100M
1210 G19
1M
VS = ±15V
IO = 0mA
RSD = 82.5k
RSD = 0Ω
Output Impedance vs Frequency
FREQUENCY (Hz)
18
15
12
9
6
3
0
103
105
107
1210 G21
104
106
108
AV = 4, RL = 10Ω
RF = 680Ω, RG = 220Ω
VS = ±15V, VIN = 5VP-P
Large-Signal Voltage Gain vs
Frequency
FREQUENCY (MHz)
0
2
46
8
1210 G22
10
56
54
52
50
48
46
44
42
40
VS = ±15V
RL = 10Ω
RF = 680Ω
RG = 220Ω
Output Impedance in Shutdown
vs Frequency
FREQUENCY (Hz)
10k
1k
100
10
1
100k
10M
100M
1210 G20
1M
3rd Order Intercept vs Frequency
Test Circuit for 3rd Order Intercept
TYPICAL PERFOR A CE CHARACTERISTICS
–
+
10
Ω
LT1210
1210 TC01
220
Ω
680
Ω
PO
MEASURE INTERCEPT AT PO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com