Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1210CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology LT1210CS Datasheet HTML 10Page - Linear Technology LT1210CS Datasheet HTML 11Page - Linear Technology LT1210CS Datasheet HTML 12Page - Linear Technology LT1210CS Datasheet HTML 13Page - Linear Technology LT1210CS Datasheet HTML 14Page - Linear Technology LT1210CS Datasheet HTML 15Page - Linear Technology LT1210CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1210
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1996
LT/GP 0796 7K • PRINTED IN USA
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1010
Fast
±150mA Power Buffer
20MHz Bandwidth, 75V/
µs Slew Rate
LT1166
Power Output Stage Automatic Bias System
Sets Class AB Bias Currents for High Voltage/High Power
Output Stages
LT1206
Single 250mA, 60MHz Current Feedback Amplifier
Shutdown Function, Stable with CL = 10,000pF, 900V/µs
Slew Rate
LT1207
Dual 250mA, 60MHz Current Feedback Amplifier
Dual Version of LT1206
LT1227
Single 140MHz Current Feedback Amplifier
Shutdown Function, 1100V/
µs Slew Rate
LT1360
Single 50MHz, 800V/
µs Op Amp
Voltage Feedback, Stable with CL = 10,000pF
LT1363
Single 70MHz, 1000V/
µs Op Amp
Voltage Feedback, Stable with CL = 10,000pF
Wideband 9W Bridge Amplifier
–
+
LT1210
SD
10nF
1
1
1
1
1
T1*
1
RL
50
Ω
9W
PO
9W
680
Ω
220
Ω
100nF
910
Ω
* COILTRONICS Versa-Pac
TM CTX-01-13033-X2
OR EQUIVALENT
–15V
–15V
15V
15V
INPUT
5VP-P
1210 TA07
–
+
LT1210
SD
10nF
FREQUENCY (Hz)
26
23
20
17
14
11
8
5
2
–1
–4
10k
1M
10M
100M
1210 TA08
100k
Frequency Response
Versa-Pac is a trademark of Coiltronics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com