Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1210CS Datasheet(PDF) 3 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 3 Page - Linear Technology

  LT1210CS Datasheet HTML 1Page - Linear Technology LT1210CS Datasheet HTML 2Page - Linear Technology LT1210CS Datasheet HTML 3Page - Linear Technology LT1210CS Datasheet HTML 4Page - Linear Technology LT1210CS Datasheet HTML 5Page - Linear Technology LT1210CS Datasheet HTML 6Page - Linear Technology LT1210CS Datasheet HTML 7Page - Linear Technology LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1210
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±12V
q
55
62
dB
VS = ±5V, VCM = ±2V
q
50
60
dB
Inverting Input Current
VS = ±15V, VCM = ±12V
q
0.1
10
µA/V
Common Mode Rejection
VS = ±5V, VCM = ±2V
q
0.1
10
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
60
77
dB
Noninverting Input Current
VS = ±5V to ±15V
q
30
500
nA/V
Power Supply Rejection
Inverting Input Current
VS = ±5V to ±15V
q
0.7
5
µA/V
Power Supply Rejection
AV
Large-Signal Voltage Gain
TA = 25°C, VS = ±15V, VOUT = ±10V,
55
71
dB
RL = 10Ω (Note 3)
VS = ±15V, VOUT = ±8.5V, RL = 10Ω (Note 3)
q
55
68
dB
VS = ±5V, VOUT = ±2V, RL = 10Ω
q
55
68
dB
ROL
Transresistance,
∆VOUT/∆IIN–
TA = 25°C, VS = ±15V, VOUT = ±10V,
RL = 10Ω (Note 3)
100
260
k
Ω
VS = ±15V, VOUT = ±8.5V, RL = 10Ω (Note 3)
q
75
200
k
Ω
VS = ±5V, VOUT = ±2V, RL = 10Ω
q
75
200
k
Ω
VOUT
Maximum Output Voltage Swing
TA = 25°C, VS = ±15V, RL = 10Ω (Note 3)
±10.0
±11.5
V
q
±8.5
V
TA = 25°C, VS = ±5V, RL = 10Ω±2.5
±3.0
V
q
±2.0
V
IOUT
Maximum Output Current (Note 3)
VS = ±15V, RL = 1Ω
q
1.1
2.0
A
IS
Supply Current (Note 3)
TA = 25°C, VS = ±15V, VSD = 0V
35
50
mA
q
65
mA
Supply Current, RSD = 51k (Notes 3, 4)
TA = 25°C, VS = ±15V
15
30
mA
Positive Supply Current, Shutdown
VS = ±15V, VSD = 15V
q
200
µA
Output Leakage Current, Shutdown
VS = ±15V, VSD = 15V
q
10
µA
SR
Slew Rate (Note 5)
TA = 25°C, AV = 2, RL = 400Ω
400
900
V/
µs
Slew Rate (Note 3)
TA = 25°C, AV = 2, RL = 10Ω
900
V/
µs
Differential Gain (Notes 3, 6)
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 15Ω
0.3
%
Differential Phase (Notes 3, 6)
VS = ±15V, RF = 750Ω, RG = 750Ω, RL = 15Ω
0.1
DEG
BW
Small-Signal Bandwidth
AV = 2, VS = ±15V, Peaking ≤ 1dB,
55
MHz
RF = RG = 680Ω, RL = 100Ω
AV = 2, VS = ±15V, Peaking ≤ 1dB,
35
MHz
RF = RG = 576Ω, RL = 10Ω
ELECTRICAL CHARACTERISTICS
VCM = 0V, ±5V ≤ VS ≤ ±15V, pulse tested, VSD = 0V, unless otherwise noted.
supply voltages greater than
±5V, use the TO-220 or DD package. See
“Thermal Considerations” in the Applications Information section for
details on calculating junction temperature. If the maximum dissipation of
the package is exceeded, the device will go into thermal shutdown.
Note 4: RSD is connected between the Shutdown pin and ground.
Note 5: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 1.5k, RG = 1.5k and RL = 400Ω.
Note 6: NTSC composite video with an output level of 2V.
The q denotes specifications which apply for 0
°C ≤ TA ≤ 70°C.
Note 1: Applies to short circuits to ground only. A short circuit between
the output and either supply may permanently damage the part when
operated on supplies greater than
±10V.
Note 2: Commercial grade parts are designed to operate over the
temperature range of – 40
°C ≤ TA ≤ 85°C, but are neither tested nor
guaranteed beyond 0
°C ≤ TA ≤ 70°C. Industrial grade parts tested over
–40
°C ≤ TA ≤ 85°C are available on special request. Consult factory.
Note 3: SO package is recommended for
±5V supplies only, as the power
dissipation of the SO package limits performance on higher supplies. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com