Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1210CS Datasheet(PDF) 13 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology LT1210CS Datasheet HTML 10Page - Linear Technology LT1210CS Datasheet HTML 11Page - Linear Technology LT1210CS Datasheet HTML 12Page - Linear Technology LT1210CS Datasheet HTML 13Page - Linear Technology LT1210CS Datasheet HTML 14Page - Linear Technology LT1210CS Datasheet HTML 15Page - Linear Technology LT1210CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1210
TYPICAL APPLICATIONS
Distribution Amplifier
Buffer AV = 1
–
+
LT1210
SD
75
Ω
VIN
RF
RG
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω CABLE
1210 TA05
–
+
LT1210
SD
0.01
µF*
VOUT
RF**
VIN
1210 TA06
* OPTIONAL, USE WITH CAPACITIVE LOADS
** VALUE OF R F DEPENDS ON SUPPLY
VOLTAGE AND LOADING. SELECT
FROM TYPICAL AC PERFORMANCE
TABLE OR DETERMINE EMPIRICALLY
COMP
SI
PLIFIED SCHE ATIC
1210 SS
V–
OUTPUT
V +
50
Ω
D2
D1
V–
V+
V+
V–
CC
RC
COMP
–IN
+IN
SHUTDOWN
1.25k
TO ALL
CURRENT
SOURCES
Q11
Q15
Q9
Q6
Q5
Q2
Q1
Q18
Q17
Q3
Q4
Q7
Q8
Q12
Q16
Q14
Q13
Q10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com